Electronic Components Datasheet Search
  English  ▼

X  

PE6014 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6014
Description  Non-Shorting Dust Cap for BNC Male
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6014 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6014 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6014 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
Non-Shorting Dust Cap for BNC Male
Configuration
Connector
BNC Male Non-Shorting
Chain Option
No Chain
Mechanical Specifications
Temperature
Operating Range, deg C
-20 to +80
Size
Length, in [mm]
0.587 [14.91]
Width, in [mm]
0.571 [15]
.
Connector
Type
BNC Male Non-Shorting
Body Material and Plating
Brass, Nickel
Body Plating Specification
100µ In. Minimum
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
Non-Shorting Dust Cap for BNC Male from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Non-Shorting Dust Cap for BNC Male PE6014
URL:
http://www.pasternack.com/50-ohm-bnc-male-non-shorting-cap-pe6014-p.aspx
PE6014
PE6014 REV
Non-Shorting Dust Cap for BNC Male


Similar Part No. - PE6014

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PE601 MACOM-PE601 Datasheet
1Mb / 7P
PE Range Moulded Case Current Transformers
01/05
PE601-600/5 MACOM-PE601-600/5 Datasheet
1Mb / 7P
PE Range Moulded Case Current Transformers
01/05
logo
Pasternack Enterprises,...
PE6011-50 PASTERNACK-PE6011-50 Datasheet
185Kb / 2P
50 Ohm 0.5 Watts Brass TNC Male RF Load Up To 1,000 MHz
PE6011-75 PASTERNACK-PE6011-75 Datasheet
76Kb / 1P
TNC MALE RESISTOR TERMINATION
PE6011-93 PASTERNACK-PE6011-93 Datasheet
76Kb / 1P
TNC MALE RESISTOR TERMINNATION
More results

Similar Description - PE6014

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6012 PASTERNACK-PE6012 Datasheet
459Kb / 2P
Shorting BNC Male Dust Cap
PE6013 PASTERNACK-PE6013 Datasheet
240Kb / 2P
Non-Shorting Dust Cap for BNC Male With 2.8 Inch Chain
PE6017 PASTERNACK-PE6017 Datasheet
230Kb / 2P
Non-Shorting Dust Cap for N Male
PE6020 PASTERNACK-PE6020 Datasheet
233Kb / 2P
Non-Shorting Dust Cap for SSMA Male
PE6024 PASTERNACK-PE6024 Datasheet
233Kb / 2P
Non-Shorting Dust Cap for SMA Male
PE6109 PASTERNACK-PE6109 Datasheet
204Kb / 2P
Non-Shorting Dust Cap for C Male
PE6113 PASTERNACK-PE6113 Datasheet
204Kb / 2P
Non-Shorting Dust Cap for HN Male
PE6144 PASTERNACK-PE6144 Datasheet
233Kb / 2P
Non-Shorting Dust Cap for TNC Male
PE6240 PASTERNACK-PE6240 Datasheet
348Kb / 2P
F Male Non-Shorting Dust Cap
PE6108 PASTERNACK-PE6108_16 Datasheet
413Kb / 3P
BNC Female Non-Shorting Dust Cap
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com