Electronic Components Datasheet Search
  English  ▼

X  

PE9908 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9908
Description  BREAKOUT, BNC MALE TO UN-TERMINATED #18 AWG LEADS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9908 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9908 Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - PE9908

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9900 PASTERNACK-PE9900 Datasheet
109Kb / 1P
BREAKOUT, BNC MALE TO STANDARD ALLIGATOR CLIPS
PE9901 PASTERNACK-PE9901 Datasheet
109Kb / 1P
BREAKOUT , BNC MALE TO MINIATURE ALLIGATOR CLIPS
PE9902 PASTERNACK-PE9902 Datasheet
109Kb / 1P
BREAKOUT, BNC MALE TO STACKING TIP PLUGS
PE9903 PASTERNACK-PE9903 Datasheet
254Kb / 1P
BREAKOUT, BNC MALE TO STANDARD STACKING BANANA PLUGS
PE9904 PASTERNACK-PE9904 Datasheet
111Kb / 1P
BREAKOUT, BNC MALE TO MINIATURE STACKING BANANA PLUGS
More results

Similar Description - PE9908

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
4969 POMONA-4969 Datasheet
29Kb / 1P
BNC (Female & Male) To 20 AWG Leads
2886 POMONA-2886 Datasheet
24Kb / 1P
Breakout: BNC (Male) To Minigator Test Clips
logo
Pasternack Enterprises,...
PE9905 PASTERNACK-PE9905 Datasheet
108Kb / 1P
BREAKOUT, BNC MALE TO SAFETY HOOKS
PE9917 PASTERNACK-PE9917 Datasheet
108Kb / 1P
BREAKOUT, BNC FEMALE TO UN-TERMINATED #18 AWG LEADS
PE9958 PASTERNACK-PE9958 Datasheet
119Kb / 1P
BREAKOUT, CRIMP ON FOR RG58 TO UN-TERMINATED #20 AWG LEADS
PE9967 PASTERNACK-PE9967 Datasheet
90Kb / 1P
BREAKOUT, CRIMP ON FOR RG59, UN-TERMINATED #18 AWG LEADS
logo
List of Unclassifed Man...
BU-5100-A-4-0 ETC2-BU-5100-A-4-0 Datasheet
64Kb / 1P
BNC Male Breakout to Tinned End Wires
BU-5144-A-4-0 ETC2-BU-5144-A-4-0 Datasheet
85Kb / 1P
BNC Male Breakout to Stackable Pin Plug
BU-P4969 ETC2-BU-P4969 Datasheet
154Kb / 1P
BNC (Female) Breakout to 20 Awg Leads
BU-P4970 ETC2-BU-P4970 Datasheet
142Kb / 1P
BNC (Male) Breakout to 20 Awg Leads
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com