Electronic Components Datasheet Search
  English  ▼

X  

ADP2386 Datasheet(PDF) 2 Page - Analog Devices

Part # ADP2386
Description  20 V, 6 A, Synchronous Step-Down DC-to-DC Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2386 Datasheet(HTML) 2 Page - Analog Devices

  ADP2386 Datasheet HTML 1Page - Analog Devices ADP2386 Datasheet HTML 2Page - Analog Devices ADP2386 Datasheet HTML 3Page - Analog Devices ADP2386 Datasheet HTML 4Page - Analog Devices ADP2386 Datasheet HTML 5Page - Analog Devices ADP2386 Datasheet HTML 6Page - Analog Devices ADP2386 Datasheet HTML 7Page - Analog Devices ADP2386 Datasheet HTML 8Page - Analog Devices ADP2386 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
ADP2386
Data Sheet
Rev. A | Page 2 of 24
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Typical Applications Circuit............................................................ 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 5
Thermal Resistance ...................................................................... 5
ESD Caution.................................................................................. 5
Pin Configuration and Function Descriptions............................. 6
Typical Performance Characteristics ............................................. 7
Functional Block Diagram ............................................................ 11
Theory of Operation ...................................................................... 12
Control Scheme .......................................................................... 12
Precision Enable/Shutdown ...................................................... 12
Internal Regulator (VREG)....................................................... 12
Bootstrap Circuitry .................................................................... 12
Oscillator ..................................................................................... 12
Synchronization.......................................................................... 12
Soft Start ...................................................................................... 13
Power Good................................................................................. 13
Peak Current-Limit and Short-Circuit Protection................. 13
Overvoltage Protection (OVP)................................................. 14
Undervoltage Lockout (UVLO) ............................................... 14
Thermal Shutdown .................................................................... 14
Applications Information .............................................................. 15
Input Capacitor Selection.......................................................... 15
Output Voltage Setting .............................................................. 15
Voltage Conversion Limitations............................................... 15
Inductor Selection ...................................................................... 15
Output Capacitor Selection....................................................... 16
Programming the Input Voltage UVLO.................................. 17
Compensation Design ............................................................... 17
ADIsimPower Design Tool ....................................................... 17
Design Example .............................................................................. 18
Output Voltage Setting .............................................................. 18
Frequency Setting....................................................................... 18
Inductor Selection ...................................................................... 18
Output Capacitor Selection....................................................... 19
Compensation Components..................................................... 19
Soft Start Time Program ........................................................... 19
Input Capacitor Selection.......................................................... 19
Recommended External Components .................................... 20
Circuit Board Layout Recommendations ................................... 21
Typical Applications Circuits........................................................ 22
Outline Dimensions....................................................................... 23
Ordering Guide .......................................................................... 23
REVISION HISTORY
4/13—Rev. 0 to Rev. A
Changes to Figure 4 and Figure 7....................................................7
Updated Outline Dimensions........................................................23
Changes to Ordering Guide ...........................................................23
11/12—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com