Electronic Components Datasheet Search
  English  ▼

X  

WKLS2 Datasheet(PDF) 1 Page - Lumberg

Part # WKLS2
Description  Jack connectors according to JIS C 6560, 3.5 mm
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

WKLS2 Datasheet(HTML) 1 Page - Lumberg

  WKLS2 Datasheet HTML 1Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
03/2006
www.lumberg.com
Klinkensteckverbinder nach JIS C 6560, 3,5 mm
Jack connectors according to JIS C 6560, 3.5 mm
Connecteurs jack suivant JIS C 6560, 3,5 mm
WKLS 2
WKLS 2
WKLS 2
Bestellbezeichnung
Polzahl
VE
Mindestmenge
Designation
Poles
PU
Lowest quantity
Désignation
Pôles
UE
Quantité minimale
WKLS 2
2
100
Klinkenstecker nach JIS C 6560, 3,5 mm, 2-polig/mono, ab-
gewinkelte Ausführung, mit Lötanschlüssen
1. Temperaturbereich
-20 °C/+70 °C
2. Werkstoffe
Kontaktträger
Ebonit
Kontakt
CuZn, vernickelt
Stahl, vernickelt
Gehäuse
PE
3. Mechanische Daten
Kontaktierung mit
Klinkenkupplungen 1502 02, 1503 06,
KLB 2, KLBR 2, KLK 2, KLK 22
4. Elektrische Daten
Bemessungsstrom
1 A
Bemessungspannung
34 V AC/DC
Prüfspannung
500 V/60 s
Isolationswiderstand
≥ 108 Ω
Jack plug acc. to JIS C 6560, 3.5 mm, 2 poles/mono, angular
version, with solder terminals
1. Temperature range
-20 °C/+70 °C
2. Materials
Body
ebonite
Contact
CuZn, nickeled
steel, nickeled
Housing
PE
3. Mechanical data
Mating with
jack sockets 1502 03, 1503 06, KLB 2,
KLBR 2, KLK 2, KLK 22
4. Electrical data
Rated current
1 A
Rated voltage
34 V AC/DC
Test voltage
500 V/60 s
Insulation resistance
≥ 108 Ω
Connecteur mâle jack suivant JIS C 6560, 3,5 mm, 2 pôles/
mono, version angulaire, avec connexion par soudure
1. Température d’utilisation
-20 °C/+70 °C
2. Matériaux
Corps isolant
ébonite
Contact
CuZn, nickelé
acier, nickelé
Boîtier
PE
3. Caractéristiques mécaniques
Raccordement avec
connecteurs femelles jack 1502 03,
1503 06, KLB 2, KLBR 2, KLK 2,
KLK 22
4. Caractéristiques électriques
Courant assigné
1 A
Tension assignée
34 V AC/DC
Tension d’éssai
500 V/60 s
Résistance d’isolement
≥ 108 Ω


Similar Part No. - WKLS2

ManufacturerPart #DatasheetDescription
logo
Lumberg
WKLS2 LUMBERG-WKLS2 Datasheet
684Kb / 3P
Jack connectors
WKLS2 LUMBERG-WKLS2_18 Datasheet
684Kb / 3P
Jack connectors
WKLS2 LUMBERG-WKLS2_V01 Datasheet
150Kb / 1P
Jack connectors according to JIS C 6560, 3.5 mm
11/2012
More results

Similar Description - WKLS2

ManufacturerPart #DatasheetDescription
logo
Lumberg
WKLS40 LUMBERG-WKLS40 Datasheet
82Kb / 1P
Jack connectors according to JISC 6560, 3.5 mm
logo
CUI INC
SJ-43514 CUI-SJ-43514 Datasheet
158Kb / 3P
3.5 MM AUDIO JACK
MR-3501 CUI-MR-3501 Datasheet
262Kb / 3P
3.5 MM AUDIO JACK
SJ1-354X CUI-SJ1-354X Datasheet
181Kb / 3P
3.5 MM AUDIO JACK
SJ-3598 CUI-SJ-3598 Datasheet
147Kb / 3P
3.5 MM AUDIO JACK
SJ-4351X CUI-SJ-4351X Datasheet
162Kb / 3P
3.5 MM AUDIO JACK
SJ-435107 CUI-SJ-435107 Datasheet
280Kb / 3P
3.5 MM AUDIO JACK
SR-3501 CUI-SR-3501 Datasheet
269Kb / 3P
3.5 MM AUDIO JACK
SJ1-43502PM CUI-SJ1-43502PM Datasheet
285Kb / 3P
3.5 MM AUDIO JACK
logo
Hirose Electric
JR HIROSE-JR_18 Datasheet
555Kb / 8P
Circular Connectors Conforming to JIS C 5432
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com