Electronic Components Datasheet Search
  English  ▼

X  

WKO Datasheet(PDF) 2 Page - Vishay Siliconix

Part # WKO
Description  AC Line Rated Ceramic Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WKO Datasheet(HTML) 2 Page - Vishay Siliconix

  WKO Datasheet HTML 1Page - Vishay Siliconix WKO Datasheet HTML 2Page - Vishay Siliconix WKO Datasheet HTML 3Page - Vishay Siliconix WKO Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
WKO Series
www.vishay.com
Vishay Draloric
Revision: 05-Apr-13
2
Document Number: 22204
For technical questions, contact: slcap@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Standard lead configuration, other lead spacing and diameter available on request
(2) Capacitance values from 1 nF to 4.7 nF: The alternative usage of VKO series is recommended for new application
DIMENSIONS in millimeters
TECHNICAL DATA
CAPACITANCE (2)
C (pF)
CAPACITANCE
TOLERANCE
BODY
DIAMETER
DMAX. (mm)
BODY
THICKNESS
SMAX. (mm)
LEAD
SPACING (1)
F (mm)
± 1 mm
LEAD
DIAMETER (1)
d (mm)
± 0.05 mm
WIDTH (1)
V (mm)
± 0.5 mm
PART NUMBER
MISSING DIGITS
SEE ORDERING
CODE BELOW
N750 (U2J)
33
± 10 %,
± 20 %
8.0
5.0
7.5
0.6
1.6
WKO330#CP###KR
47
WKO470#CP###KR
Y5S (2C3)
68
± 10 %,
± 20 %
8.0
5.0
7.5
0.6
1.9
WKO680#CP###KR
100
WKO101#CP###KR
Y5T (2D3)
150
± 10 %,
± 20 %
8.0
5.0
7.5
0.6
1.9
WKO151#CP###KR
220
WKO221#CP###KR
330
WKO331#CP###KR
Y5U (2E3)
470
± 10 %,
± 20 %
8.0
5.0
7.5
0.6
2.0
WKO471#CP###KR
680
9.0
WKO681#CP###KR
1000
10.0
0.8
1.6
WKO102#CP###KR
1500
12.0
WKO152#CP###KR
2200
13.0
WKO222#CP###KR
3300
15.0
WKO332#CP###KR
3900
16.0
WKO392#CP###KR
4700
18.0
12.5
WKO472#CP###KR
ORDERING CODE
#7th digit
Capacitance tolerance
± 10 % = K, ± 20 % = M
###
10th to 12th digit
Lead configuration
see “General Information”
Example
WKO
222
M
CP
CJ0
K
R
Series
Capacitance
value
Tolerance code
Voltage code
Lead
configuration
Internal code
RoHS
compliant
MARKING
S
max.
V ± 0.5
Ø d ± 0.05
D
max.
3
max.
F ± 1
L = 30 - 3 or
L = 10 ± 1
WKO
WKO 2n2 M
440 300 250~
X1 Y2
IEC 384-14/2
WKO 33 pF to 1.0 nF
300~ Y2
440~ X1
33p K
WKO 1.5 nF to 4.7 nF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com