Electronic Components Datasheet Search
  English  ▼

X  

WM8783 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8783
Description  Stereo Low Power 96kHz ADC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8783 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8783 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8783 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8783 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8783 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8783 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8783 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8783 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8783 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8783 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
w
WM8783
Stereo Low Power 96kHz ADC
WOLFSON MICROELECTRONICS plc
To receive regular email updates, sign up at http://www.wolfsonmicro.com/enews
Production Data, August 2010, Rev 4.0
Copyright
©2010 Wolfson Microelectronics plc
DESCRIPTION
The WM8783 is a compact, low cost ADC designed for set-top
boxes and DVD applications.
Stereo analogue inputs accept 1Vrms line level inputs; the Hi-Fi
ADCs output 24-bit stereo data on the I2S digital audio
interface.
Sample rates from 8kHz to 96kHz are supported; this is
configured automatically according to the external master clock
(MCLK) frequency.
A power on reset (POR) circuit ensures correct start-up and
shut-down. The device is held in reset when MCLK is not
present, offering a low-power standby state.
The WM8783 is supplied in an 8-pin SOIC package.
FEATURES
•
Hi-fi audio ADC (96dB SNR - ‘A’ weighted)
•
2 analogue audio inputs
•
I2S digital audio interface - sample rates 8kHz to 96kHz
•
Automatic clocking configuration from MCLK and LRCLK
•
Integrated voltage reference circuits
•
8-pin SOIC package
APPLICATIONS
•
LCD televisions
•
Set-top boxes (STB)
•
DVD recorders
BLOCK DIAGRAM


Similar Part No. - WM8783

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8781 WOLFSON-WM8781 Datasheet
240Kb / 20P
24-Bit, 192kHz Stereo ADC
logo
Cirrus Logic
WM8781 CIRRUS-WM8781 Datasheet
293Kb / 21P
24-Bit, 192kHz Stereo ADC
logo
Wolfson Microelectronic...
WM8781GEDR WOLFSON-WM8781GEDR Datasheet
240Kb / 20P
24-Bit, 192kHz Stereo ADC
WM8781GEDS WOLFSON-WM8781GEDS Datasheet
240Kb / 20P
24-Bit, 192kHz Stereo ADC
WM8782 WOLFSON-WM8782 Datasheet
216Kb / 19P
24-Bit, 192kHz Stereo ADC
More results

Similar Description - WM8783

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UDA1309H PHILIPS-UDA1309H Datasheet
150Kb / 24P
Low-power stereo bitstream ADC/DAC
1998 Jan 06
UDA1360TS PHILIPS-UDA1360TS Datasheet
84Kb / 16P
Low-voltage low-power stereo audio ADC
2000 Feb 08
logo
Asahi Kasei Microsystem...
AK5352 AKM-AK5352 Datasheet
174Kb / 19P
96kHz Sampling 20bit ADC
AK5357 AKM-AK5357 Datasheet
135Kb / 19P
24Bit 96kHz ?誇 ADC
AK5358A AKM-AK5358A Datasheet
268Kb / 18P
96kHz 24-Bit ?誇 ADC
AK5381 AKM-AK5381 Datasheet
138Kb / 20P
24Bit 96kHz ?誇 ADC
AK5357 AKM-AK5357_09 Datasheet
301Kb / 20P
24Bit 96kHz ?誇 ADC
logo
Texas Instruments
TLV320ADC3101 TI1-TLV320ADC3101 Datasheet
1Mb / 92P
Low-Power Stereo ADC
logo
Asahi Kasei Microsystem...
AK5720 AKM-AK5720 Datasheet
823Kb / 25P
96kHz 24-Bit ADC
logo
Suzhou Everest Semicond...
ES8288 EVEREST-ES8288 Datasheet
433Kb / 25P
Low Power Stereo Audio ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com