| Electronic Components Datasheet Search |
|
WLSD3 Datasheet(PDF) 19 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
WLSD3 Datasheet(HTML) 19 Page - Omron Electronics LLC |
|
19 / 42 page ![]() WL WL 19 Overtravel Models (2) -2N Series -2N Series (90_ operation on one side is possible by simply changing the direction of the cam.) Dimensions/Operating Characteristics Note: 1. For all models WLj indicates a standard model and WL01j indicates a microload model. 2. With the -2N Series, 90_ operation on one side is possible by simply changing the direction of the cam. 3. Unless otherwise indicated, a tolerance of ±0.4 mm applies to all dimensions. Roller Lever WLCA2-2N WL01CA2-2N Adjustable Roller Lever WLCA12-2N WL01CA12-2N Note: Stainless sintered roller Note: Stainless sintered roller M5 × 12 Allen-head bolt JIS B0202 G1/2 Effective thread: 4 threads min. Four, M6 Depth: 15 min. M5 × 16 Allen-head bolt JIS B0202 G1/2 Effective thread: 4 threads min. Four, M6 Depth: 15 min. 17.5 dia. × 7(seenote) Three, M4 × 13 Four, M3 Two, M5 × 18 Two, 5.2 +0.2 0 dia. 60 max. 42 max. 42 max. Three, M4 × 13 Two, M5 × 18 Four, M3 17.5 dia. × 7 (see note) 67 max. Adjustable range: 25 to 89 Four, 5.2 +0.2 0 dia. holes Two, 5.2 +0.2 0 dia. Adjustable Rod Lever WLCL-2N WL01CL-2N Note: Stainless steel rod M5 × 12 Allen-head bolt JIS B0202 G1/2 Effective thread: 4 threads min. Four, M6 Depth: 15 min. 42 max. 55 max. Three, M4 × 13 Two, M5 × 18 Four, M3 M8 × 12 Allen- head lock screw 3 ±0.2 dia. × 160 (see note) Two, 5.2 +0.2 0 dia. Four, 5.2 +0.2 0 dia. holes Adjustable range: 25 to 140 Operating characteristics WLCA2-2N WL01CA2-2N WLCA12-2N WL01CA12-2N (see note 1) WLCL-2N WL01CL-2N (see note 2) Operating force: OF max. 9.61 N 9.61 N 2.84 N Release force: RF min. 1.18 N 1.18 N 0.25 N Pretravel: PT max. 20° 20° 20° Overtravel: OT min. 70° 70° 70° Movement differential: MD max. 10° 10° 10° Note: 1. The operating characteristics of WLCA12-2N and WL01CA12-2N are measured at the lever length of 38 mm. 2. The operating characteristics of WLCL-2N and WL01CL-2N are measured at the rod length of 140 mm. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |