Electronic Components Datasheet Search
  English  ▼

X  

STF22NM60N Datasheet(PDF) 3 Page - STMicroelectronics

Part # STF22NM60N
Description  N-channel 600 V, 0.2 廓, 16 A MDmesh??II Power MOSFET
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF22NM60N Datasheet(HTML) 3 Page - STMicroelectronics

  STF22NM60N Datasheet HTML 1Page - STMicroelectronics STF22NM60N Datasheet HTML 2Page - STMicroelectronics STF22NM60N Datasheet HTML 3Page - STMicroelectronics STF22NM60N Datasheet HTML 4Page - STMicroelectronics STF22NM60N Datasheet HTML 5Page - STMicroelectronics STF22NM60N Datasheet HTML 6Page - STMicroelectronics STF22NM60N Datasheet HTML 7Page - STMicroelectronics STF22NM60N Datasheet HTML 8Page - STMicroelectronics STF22NM60N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
STB/F/I/P/W22NM60N
Electrical ratings
Doc ID 15853 Rev 4
3/23
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
D²PAK
I²PAK
TO-220
TO-247
TO-220FP
VGS
Gate- source voltage
± 30
V
ID
Drain current (continuous) at TC = 25 °C
16
16 (1)
1.
Limited only by maximum temperature allowed
A
ID
Drain current (continuous) at TC = 100 °C
10
10 (1)
A
IDM
(2)
2.
Pulse width limited by safe operating area
Drain current (pulsed)
64
64 (1)
A
PTOT
Total dissipation at TC = 25 °C
125
30
W
dv/dt(3)
3.
ISD ≤ 16 A, di/dt ≤ 400 A/µs, VDSpeak ≤V(BR)DSS, VDD = 80% V(BR)DSS
Peak diode recovery voltage slope
15
V/ns
VISO
Insulation withstand voltage (RMS) from all
three leads to external heat sink
(t=1 s;TC=25 °C)
2500
V
TJ
Tstg
Operating junction temperature
Storage temperature
-55 to 150
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
D²PAK
I²PAK TO-220 TO-247 TO-220FP
Rthj-case
Thermal resistance junction-case
max.
14.17
°C/W
Rthj-amb
Thermal resistance junction-
ambient max.
62.5
50
62.5
°C/W
Rthj-pcb
(1)
1.
When mounted on 1inch² FR-4 board, 2 oz Cu
Thermal resistance junction-pcb
max.
30
°C/W
TJ
Maximum lead temperature for
soldering purpose
300
°C/W
Table 4.
Thermal data
Symbol
Parameter
Value
Unit
IAR
Avalanche current, repetitive or not-
repetitive (pulse width limited by TJ max)
6A
EAS
Single pulse avalanche energy
(starting TJ = 25 °C, ID = IAR, VDD = 50 V)
300
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com