Electronic Components Datasheet Search
  English  ▼

X  

PE6803 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6803
Description  1 Watts WR-51 RF Load Up To 18 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6803 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6803 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6803 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
1 Watts WR-51 RF Load Up To 18 GHz
Configuration
Connector
WR-51
Heat Sink
Aluminum
Electrical Specifications
Frequency Range, GHz
15 to 18
Impedance, Ohms
50
Maximum VSWR
1.2:1
Maximum Input Power, Watts
1
Mechanical Specifications
Size
Length, in [mm]
1 [25.4]
Width/Dia., in [mm]
1.31 [33.27]
Height, in [mm]
1.31 [33.27]
.
Connector
Type
WR-51
Compliance Certifications (visit www.Pasternack.com for current document)
Plotted and Other Data
Notes:
Values at 25 °C, sea level
1 Watts WR-51 RF Load Up To 18 GHz from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 1 Watts WR-51 RF Load Up To 18 GHz PE6803
URL: http://www.pasternack.com/waveguide-termination-frequency-range-1500-2200-ghz-pe6803-p.aspx
PE6803
PE6803 REV
1 Watts WR-51 RF Load Up To 18 GHz


Similar Part No. - PE6803

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6800 PASTERNACK-PE6800 Datasheet
206Kb / 2P
50 Ohm 0.5 Watts WR-28 RF Load Up To 40 GHz
PE6800 PASTERNACK-PE6800 Datasheet
779Kb / 3P
0.5 Watts Low Power WR-28 Waveguide Load 26.5 GHz to 40 GHz
PE6800 PASTERNACK-PE6800_16 Datasheet
779Kb / 3P
0.5 Watts Low Power WR-28 Waveguide Load 26.5 GHz to 40 GHz
PE6801 PASTERNACK-PE6801 Datasheet
207Kb / 2P
0.5 Watts WR-34 RF Load Up To 33 GHz
PE6802 PASTERNACK-PE6802 Datasheet
211Kb / 2P
0.5 Watts WR-42 RF Load Up To 26.5 GHz
More results

Similar Description - PE6803

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6802 PASTERNACK-PE6802 Datasheet
211Kb / 2P
0.5 Watts WR-42 RF Load Up To 26.5 GHz
PE6804 PASTERNACK-PE6804 Datasheet
207Kb / 2P
1.5 Watts WR-62 RF Load Up To 18 GHz
PE6812 PASTERNACK-PE6812 Datasheet
207Kb / 2P
1 Watts Precision WR-51 RF Load Up To 22 GHz
PE6813 PASTERNACK-PE6813 Datasheet
206Kb / 2P
1.5 Watts Precision WR-62 RF Load Up To 18 GHz
PE6819 PASTERNACK-PE6819 Datasheet
208Kb / 2P
40 Watts WR-34 RF Load Up To 33 GHz
PE6821 PASTERNACK-PE6821 Datasheet
207Kb / 2P
55 Watts WR-51 RF Load Up To 18 GHz
PE6822 PASTERNACK-PE6822 Datasheet
206Kb / 2P
60 Watts WR-62 RF Load Up To 18 GHz
PE6830 PASTERNACK-PE6830 Datasheet
942Kb / 2P
100 Watts WR-51 RF Load Up To 18 GHz
PE6831 PASTERNACK-PE6831 Datasheet
211Kb / 2P
175 Watts WR-62 RF Load Up To 18 GHz
PE6835 PASTERNACK-PE6835 Datasheet
211Kb / 2P
300 Watts WR-112 RF Load Up To 10 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com