Electronic Components Datasheet Search
  English  ▼

X  

PE6806 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6806
Description  2 Watts WR-90 RF Load Up To 12.4 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6806 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6806 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6806 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
2 Watts WR-90 RF Load Up To 12.4 GHz
Configuration
Connector
WR-90
Heat Sink
Aluminum
Electrical Specifications
Frequency Range, GHz
8.2 to 12.4
Impedance, Ohms
50
Maximum VSWR
1.2:1
Maximum Input Power, Watts
2
Mechanical Specifications
Size
Length, in [mm]
1 [25.4]
Width/Dia., in [mm]
1.63 [41.4]
Height, in [mm]
1.63 [41.4]
.
Connector
Type
WR-90
Compliance Certifications (visit www.Pasternack.com for current document)
Plotted and Other Data
Notes:
Values at 25 °C, sea level
2 Watts WR-90 RF Load Up To 12.4 GHz from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2 Watts WR-90 RF Load Up To 12.4 GHz PE6806
URL: http://www.pasternack.com/waveguide-termination-frequency-range-820-1240-ghz-pe6806-p.aspx
PE6806
PE6806 REV
2 Watts WR-90 RF Load Up To 12.4 GHz


Similar Part No. - PE6806

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6806 PASTERNACK-PE6806 Datasheet
764Kb / 3P
2 Watts Low Power WR-90 Waveguide Load 8.2 GHz to 12.4 GHz
PE6806 PASTERNACK-PE6806_16 Datasheet
764Kb / 3P
2 Watts Low Power WR-90 Waveguide Load 8.2 GHz to 12.4 GHz
More results

Similar Description - PE6806

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6805 PASTERNACK-PE6805 Datasheet
206Kb / 2P
2 Watts WR-75 RF Load Up To 15 GHz
PE6807 PASTERNACK-PE6807 Datasheet
207Kb / 2P
2 Watts WR-102 RF Load Up To 11 GHz
PE6808 PASTERNACK-PE6808 Datasheet
207Kb / 2P
2 Watts WR-112 RF Load Up To 10 GHz
PE6814 PASTERNACK-PE6814 Datasheet
207Kb / 2P
2 Watts Precision WR-75 RF Load Up To 15 GHz
PE6815 PASTERNACK-PE6815 Datasheet
205Kb / 2P
2 Watts Precision WR-90 RF Load Up To 12.4 GHz
PE6816 PASTERNACK-PE6816 Datasheet
207Kb / 2P
2 Watts Precision WR-102 RF Load Up To 11 GHz
PE6824 PASTERNACK-PE6824 Datasheet
206Kb / 2P
90 Watts WR-90 RF Load Up To 12.4 GHz
PE6833 PASTERNACK-PE6833 Datasheet
243Kb / 2P
200 Watts WR-90 RF Load Up To 12.4 GHz
PE6806 PASTERNACK-PE6806_16 Datasheet
764Kb / 3P
2 Watts Low Power WR-90 Waveguide Load 8.2 GHz to 12.4 GHz
PE6815 PASTERNACK-PE6815_16 Datasheet
774Kb / 3P
2 Watts Low Power Precision WR-90 Waveguide Load 8.2 GHz to 12.4 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com