Electronic Components Datasheet Search
  English  ▼

X  

PE6809 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6809
Description  0.5 Watts Precision WR-28 Waveguide RF Load Up To 40 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6809 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6809 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6809 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
0.5 Watts Precision WR-28 Waveguide RF Load Up To 40 GHz
Configuration
RF Load Design
Precision
Connector
WR-28
Heat Sink
Aluminum
Electrical Specifications
Frequency Range, GHz
26.5 to 40
Impedance, Ohms
50
Maximum VSWR
1.05:1
Maximum Input Power, Watts
0.5
Mechanical Specifications
Size
Length, in [mm]
2.4 [60.96]
Width/Dia., in [mm]
0.75 [19.05]
Height, in [mm]
0.75 [19.05]
.
Color
Blue
Connector
Type
WR-28
Compliance Certifications (visit www.Pasternack.com for current document)
Plotted and Other Data
Notes:
Values at 25 °C, sea level
0.5 Watts Precision WR-28 Waveguide RF Load Up To 40 GHz from Pasternack Enterprises has same day shipment for
domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the
broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 0.5 Watts Precision WR-28 Waveguide RF Load Up To 40 GHz PE6809
URL: http://www.pasternack.com/precision-waveguide-termination-frequency-range-2650-4000-ghz-pe6809-p.aspx
PE6809
PE6809 REV
0.5 Watts Precision WR-28 Waveguide RF Load Up To 40 GHz


Similar Part No. - PE6809

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6809 PASTERNACK-PE6809 Datasheet
646Kb / 3P
0.5 Watts Low Power Precision WR-28 Waveguide Load 26.5 GHz to 40 GHz
PE6809 PASTERNACK-PE6809_16 Datasheet
646Kb / 3P
0.5 Watts Low Power Precision WR-28 Waveguide Load 26.5 GHz to 40 GHz
More results

Similar Description - PE6809

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6800 PASTERNACK-PE6800 Datasheet
206Kb / 2P
50 Ohm 0.5 Watts WR-28 RF Load Up To 40 GHz
PE6802 PASTERNACK-PE6802 Datasheet
211Kb / 2P
0.5 Watts WR-42 RF Load Up To 26.5 GHz
PE6810 PASTERNACK-PE6810 Datasheet
208Kb / 2P
0.5 Watts Precision WR-34 RF Load Up To 33 GHz
PE6811 PASTERNACK-PE6811 Datasheet
240Kb / 2P
0.5 Watts Precision WR-42 RF Load Up To 26.5 GHz
PE6818 PASTERNACK-PE6818 Datasheet
208Kb / 2P
40 Watts WR-28 Waveguide RF Load Up To 40 GHz
PE6827 PASTERNACK-PE6827 Datasheet
210Kb / 2P
75 Watts WR-28 Waveguide RF Load Up To 40 GHz
PE6800 PASTERNACK-PE6800_16 Datasheet
779Kb / 3P
0.5 Watts Low Power WR-28 Waveguide Load 26.5 GHz to 40 GHz
PE6809 PASTERNACK-PE6809_16 Datasheet
646Kb / 3P
0.5 Watts Low Power Precision WR-28 Waveguide Load 26.5 GHz to 40 GHz
PE6818 PASTERNACK-PE6818_16 Datasheet
765Kb / 3P
40 Watts Medium Power WR-28 Waveguide Load 26.5 GHz to 40 GHz
PEWTR1000 PASTERNACK-PEWTR1000 Datasheet
368Kb / 3P
0.5 Watts Low Power Commercial Grade WR-28 Waveguide Load 26.5 GHz to 40 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com