Electronic Components Datasheet Search
  English  ▼

X  

PE6819 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6819
Description  40 Watts WR-34 RF Load Up To 33 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6819 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6819 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6819 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
40 Watts WR-34 RF Load Up To 33 GHz
Configuration
Connector
WR-34
Heat Sink
Aluminum
Electrical Specifications
Frequency Range, GHz
22 to 33
Impedance, Ohms
50
Maximum VSWR
1.07:1
Maximum Input Power, Watts
40
Mechanical Specifications
Size
Length, in [mm]
3.5 [88.9]
Width/Dia., in [mm]
0.875 [22.23]
Height, in [mm]
0.875 [22.23]
.
Connector
Type
WR-34
Compliance Certifications (visit www.Pasternack.com for current document)
Plotted and Other Data
Notes:
Values at 25 °C, sea level
40 Watts WR-34 RF Load Up To 33 GHz from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 40 Watts WR-34 RF Load Up To 33 GHz PE6819
URL: http://www.pasternack.com/medium-power-waveguide-termination-frequency-range-2200-3300-ghz-pe6819-p.aspx
PE6819
PE6819 REV
40 Watts WR-34 RF Load Up To 33 GHz


Similar Part No. - PE6819

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6810 PASTERNACK-PE6810 Datasheet
208Kb / 2P
0.5 Watts Precision WR-34 RF Load Up To 33 GHz
PE6811 PASTERNACK-PE6811 Datasheet
240Kb / 2P
0.5 Watts Precision WR-42 RF Load Up To 26.5 GHz
PE6812 PASTERNACK-PE6812 Datasheet
207Kb / 2P
1 Watts Precision WR-51 RF Load Up To 22 GHz
PE6813 PASTERNACK-PE6813 Datasheet
206Kb / 2P
1.5 Watts Precision WR-62 RF Load Up To 18 GHz
PE6814 PASTERNACK-PE6814 Datasheet
207Kb / 2P
2 Watts Precision WR-75 RF Load Up To 15 GHz
More results

Similar Description - PE6819

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6800 PASTERNACK-PE6800 Datasheet
206Kb / 2P
50 Ohm 0.5 Watts WR-28 RF Load Up To 40 GHz
PE6801 PASTERNACK-PE6801 Datasheet
207Kb / 2P
0.5 Watts WR-34 RF Load Up To 33 GHz
PE6802 PASTERNACK-PE6802 Datasheet
211Kb / 2P
0.5 Watts WR-42 RF Load Up To 26.5 GHz
PE6803 PASTERNACK-PE6803 Datasheet
207Kb / 2P
1 Watts WR-51 RF Load Up To 18 GHz
PE6809 PASTERNACK-PE6809 Datasheet
240Kb / 2P
0.5 Watts Precision WR-28 Waveguide RF Load Up To 40 GHz
PE6810 PASTERNACK-PE6810 Datasheet
208Kb / 2P
0.5 Watts Precision WR-34 RF Load Up To 33 GHz
PE6818 PASTERNACK-PE6818 Datasheet
208Kb / 2P
40 Watts WR-28 Waveguide RF Load Up To 40 GHz
PE6827 PASTERNACK-PE6827 Datasheet
210Kb / 2P
75 Watts WR-28 Waveguide RF Load Up To 40 GHz
PE6828 PASTERNACK-PE6828 Datasheet
207Kb / 2P
75 Watts WR-34 RF Load Up To 33 GHz
PE6830 PASTERNACK-PE6830 Datasheet
942Kb / 2P
100 Watts WR-51 RF Load Up To 18 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com