Electronic Components Datasheet Search
  English  ▼

X  

PE6820 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6820
Description  50 Watts WR-42 RF Load Up To 26.5 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6820 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6820 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6820 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
50 Watts WR-42 RF Load Up To 26.5 GHz
Configuration
Connector
WR-42
Heat Sink
Aluminum
Electrical Specifications
Frequency Range, GHz
18 to 26.5
Impedance, Ohms
50
Maximum VSWR
1.07:1
Maximum Input Power, Watts
50
Mechanical Specifications
Size
Length, in [mm]
3.5 [88.9]
Width/Dia., in [mm]
0.875 [22.23]
Height, in [mm]
0.875 [22.23]
.
Connector
Type
WR-42
Compliance Certifications (visit www.Pasternack.com for current document)
Plotted and Other Data
Notes:
Values at 25 °C, sea level
50 Watts WR-42 RF Load Up To 26.5 GHz from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 50 Watts WR-42 RF Load Up To 26.5 GHz PE6820
URL: http://www.pasternack.com/medium-power-waveguide-termination-frequency-range-1800-2650-ghz-pe6820-p.aspx
PE6820
PE6820 REV
50 Watts WR-42 RF Load Up To 26.5 GHz


Similar Part No. - PE6820

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6820 PASTERNACK-PE6820 Datasheet
213Kb / 2P
50 Watts Medium Power WR-42 Waveguide Load 18 GHz to 26.5 GHz
PE6820 PASTERNACK-PE6820_17 Datasheet
213Kb / 2P
50 Watts Medium Power WR-42 Waveguide Load 18 GHz to 26.5 GHz
More results

Similar Description - PE6820

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6800 PASTERNACK-PE6800 Datasheet
206Kb / 2P
50 Ohm 0.5 Watts WR-28 RF Load Up To 40 GHz
PE6802 PASTERNACK-PE6802 Datasheet
211Kb / 2P
0.5 Watts WR-42 RF Load Up To 26.5 GHz
PE6803 PASTERNACK-PE6803 Datasheet
207Kb / 2P
1 Watts WR-51 RF Load Up To 18 GHz
PE6811 PASTERNACK-PE6811 Datasheet
240Kb / 2P
0.5 Watts Precision WR-42 RF Load Up To 26.5 GHz
PE6829 PASTERNACK-PE6829 Datasheet
215Kb / 2P
100 Watts WR-42 RF Load Up To 26.5 GHz
PE6181 PASTERNACK-PE6181 Datasheet
218Kb / 3P
50 Ohm 0.25 Watts Beryllium Copper SMP Female RF Load Up To 26.5 GHz
PE6200 PASTERNACK-PE6200 Datasheet
207Kb / 2P
75 Watts High Power WR-28 RF Load 26.5 GHz to 40 GHz
PE6802 PASTERNACK-PE6802_16 Datasheet
773Kb / 3P
0.5 Watts Low Power WR-42 Waveguide Load 18 GHz to 26.5 GHz
PE6820 PASTERNACK-PE6820_17 Datasheet
213Kb / 2P
50 Watts Medium Power WR-42 Waveguide Load 18 GHz to 26.5 GHz
PE-W42TR1001 PASTERNACK-PE-W42TR1001 Datasheet
396Kb / 3P
6 Watts Instrumentation Grade WR-42 Waveguide Load 18 GHz to 26.5 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com