Electronic Components Datasheet Search
  English  ▼

X  

PE6829 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6829
Description  100 Watts WR-42 RF Load Up To 26.5 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6829 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6829 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6829 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
100 Watts WR-42 RF Load Up To 26.5 GHz
Configuration
Connector
WR-42
Heat Sink
Aluminum
Electrical Specifications
Frequency Range, GHz
18 to 26.5
Impedance, Ohms
50
Maximum VSWR
1.1:1
Maximum Input Power, Watts
100
Mechanical Specifications
Size
Length, in [mm]
4 [101.6]
Width/Dia., in [mm]
2.3 [58.42]
Height, in [mm]
2.3 [58.42]
.
Color
Black
Connector
Type
WR-42
Compliance Certifications (visit www.Pasternack.com for current document)
Plotted and Other Data
Notes:
Values at 25 °C, sea level
100 Watts WR-42 RF Load Up To 26.5 GHz from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 100 Watts WR-42 RF Load Up To 26.5 GHz PE6829
URL:
http://www.pasternack.com/high-power-waveguide-termination-frequency-range-1800-2650-ghz-pe6829-p.aspx
PE6829
PE6829 REV
100 Watts WR-42 RF Load Up To 26.5 GHz


Similar Part No. - PE6829

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6820 PASTERNACK-PE6820 Datasheet
206Kb / 2P
50 Watts WR-42 RF Load Up To 26.5 GHz
PE6820 PASTERNACK-PE6820 Datasheet
213Kb / 2P
50 Watts Medium Power WR-42 Waveguide Load 18 GHz to 26.5 GHz
PE6820 PASTERNACK-PE6820_17 Datasheet
213Kb / 2P
50 Watts Medium Power WR-42 Waveguide Load 18 GHz to 26.5 GHz
PE6821 PASTERNACK-PE6821 Datasheet
207Kb / 2P
55 Watts WR-51 RF Load Up To 18 GHz
PE6822 PASTERNACK-PE6822 Datasheet
206Kb / 2P
60 Watts WR-62 RF Load Up To 18 GHz
More results

Similar Description - PE6829

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6802 PASTERNACK-PE6802 Datasheet
211Kb / 2P
0.5 Watts WR-42 RF Load Up To 26.5 GHz
PE6811 PASTERNACK-PE6811 Datasheet
240Kb / 2P
0.5 Watts Precision WR-42 RF Load Up To 26.5 GHz
PE6820 PASTERNACK-PE6820 Datasheet
206Kb / 2P
50 Watts WR-42 RF Load Up To 26.5 GHz
PE6825 PASTERNACK-PE6825 Datasheet
208Kb / 2P
100 Watts WR-102 RF Load Up To 11 GHz
PE6826 PASTERNACK-PE6826 Datasheet
207Kb / 2P
100 Watts WR-112 RF Load Up To 10 GHz
PE6830 PASTERNACK-PE6830 Datasheet
942Kb / 2P
100 Watts WR-51 RF Load Up To 18 GHz
PE6200 PASTERNACK-PE6200 Datasheet
207Kb / 2P
75 Watts High Power WR-28 RF Load 26.5 GHz to 40 GHz
PE6802 PASTERNACK-PE6802_16 Datasheet
773Kb / 3P
0.5 Watts Low Power WR-42 Waveguide Load 18 GHz to 26.5 GHz
PE6820 PASTERNACK-PE6820_17 Datasheet
213Kb / 2P
50 Watts Medium Power WR-42 Waveguide Load 18 GHz to 26.5 GHz
PE-W42TR1001 PASTERNACK-PE-W42TR1001 Datasheet
396Kb / 3P
6 Watts Instrumentation Grade WR-42 Waveguide Load 18 GHz to 26.5 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com