Electronic Components Datasheet Search
  English  ▼

X  

PE6831 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6831
Description  175 Watts WR-62 RF Load Up To 18 GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6831 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6831 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6831 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
175 Watts WR-62 RF Load Up To 18 GHz
Configuration
Connector
WR-62
Heat Sink
Aluminum
Electrical Specifications
Frequency Range, GHz
12.4 to 18
Impedance, Ohms
50
Maximum VSWR
1.1:1
Maximum Input Power, Watts
175
Mechanical Specifications
Size
Length, in [mm]
4 [101.6]
Width/Dia., in [mm]
2.5 [63.5]
Height, in [mm]
2.5 [63.5]
.
Color
Blue
Connector
Type
WR-62
Compliance Certifications (visit www.Pasternack.com for current document)
Plotted and Other Data
Notes:
Values at 25 °C, sea level
175 Watts WR-62 RF Load Up To 18 GHz from Pasternack Enterprises has same day shipment for domestic and International
orders. Our RF, microwave and fiber optic products maintain a 99% availability and are part of the broadest selection in the
industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 175 Watts WR-62 RF Load Up To 18 GHz PE6831
URL: http://www.pasternack.com/high-power-waveguide-termination-frequency-range-1240-1800-ghz-pe6831-p.aspx
PE6831
PE6831 REV
175 Watts WR-62 RF Load Up To 18 GHz


Similar Part No. - PE6831

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6831 PASTERNACK-PE6831 Datasheet
790Kb / 3P
175 Watts High Power WR-62 Waveguide Load
PE6831 PASTERNACK-PE6831_16 Datasheet
790Kb / 3P
175 Watts High Power WR-62 Waveguide Load
More results

Similar Description - PE6831

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6803 PASTERNACK-PE6803 Datasheet
207Kb / 2P
1 Watts WR-51 RF Load Up To 18 GHz
PE6804 PASTERNACK-PE6804 Datasheet
207Kb / 2P
1.5 Watts WR-62 RF Load Up To 18 GHz
PE6813 PASTERNACK-PE6813 Datasheet
206Kb / 2P
1.5 Watts Precision WR-62 RF Load Up To 18 GHz
PE6821 PASTERNACK-PE6821 Datasheet
207Kb / 2P
55 Watts WR-51 RF Load Up To 18 GHz
PE6822 PASTERNACK-PE6822 Datasheet
206Kb / 2P
60 Watts WR-62 RF Load Up To 18 GHz
PE6830 PASTERNACK-PE6830 Datasheet
942Kb / 2P
100 Watts WR-51 RF Load Up To 18 GHz
PE6832 PASTERNACK-PE6832 Datasheet
210Kb / 2P
175 Watts WR-75 RF Load Up To 15 GHz
PE6201 PASTERNACK-PE6201 Datasheet
207Kb / 2P
1.5 Watts Low Power Precision WR-62 RF Load 12.4 GHz to 18 GHz
PE6836 PASTERNACK-PE6836 Datasheet
353Kb / 2P
60 Watts Medium Power WR-62 Waveguide Load 12.4 GHz to 18 GHz
PE6831 PASTERNACK-PE6831_16 Datasheet
790Kb / 3P
175 Watts High Power WR-62 Waveguide Load
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com