Electronic Components Datasheet Search
  English  ▼

X  

EPC-CV1 Datasheet(PDF) 2 Page - AAEON Technology

Part # EPC-CV1
Description  Intel짰 Atom??Processor N2600
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

EPC-CV1 Datasheet(HTML) 2 Page - AAEON Technology

  EPC-CV1 Datasheet HTML 1Page - AAEON Technology EPC-CV1 Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
02-18
Dimension
Unit: mm
1757908403/1757306007
•
Power Adapter
1700060152
•
PS/2 Cable
1709100201
•
USB 2.0 Cable
1701090150
•
COM Port Cable
1701160201
•
VGA Port Cable
M16CV10030
•
Heat Spreader
Optional Accessories
EPC-CV1
Ordering Information
Part Number
CPU
RAM
Fan/Fanless
Display
Storage
LVDS
LAN
USB
RS-232
RS-232/422/485
Expansion Slot
Power
Temp.
EPC-CV1-A10
Intel® Atom™ N2600
SO-DIMM
Fanless
VGA, HDMI
SATA2 x 2
24-bit
GbE x 2
USB 2.0 x 6
3
1
Mini Card x 2
12V DC
-10°C ~ 55°C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com