Electronic Components Datasheet Search
  English  ▼

X  

IL3X Datasheet(PDF) 1 Page - ILSI America LLC

Part # IL3X
Description  2 Pad Ceramic Package, 1.5 mm x 3.2 mm
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILSI [ILSI America LLC]
Direct Link  http://www.ilsiamerica.com
Logo ILSI - ILSI America LLC

IL3X Datasheet(HTML) 1 Page - ILSI America LLC

  IL3X Datasheet HTML 1Page - ILSI America LLC IL3X Datasheet HTML 2Page - ILSI America LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2 Pad Ceramic Package, 1.5 mm x 3.2 mm
IL3X Series
ILSI America Phone: 775-851-8880 • Fax: 775-851-8882• e-mail: e-mail@ilsiamerica.com • www.ilsiamerica.com
05/02/12_D
Specifications subject to change without notice
Page 1
3.2
1.5
0.9 Max.
1.0
1.35
Connection Diagram
Recommended Pad Layout
Dimension Units: mm
1.0
1.8
2.5
Product Features:
Applications:
20 ppm Stability
Real Time Clocks
SMD Package
Metering
Low Profile
Industrial Control
RoHS Compliant
Time Reference
Compatible with Leadfree Processing
Frequency
32.768 kHz
ESR (Equivalent Series Resistance)
65 kMax.
Shunt Capacitance (C0)
1.7 pF Typical
Frequency Tolerance @ 25
 C
20 ppm Standard
Frequency Stability over
Temperature
Parabolic -0.034 ppm /
 C2 Typical. Inflection point approx.
27
 C
See Graph Below.
Crystal Cut
X-Cut
Load Capacitance
12.5 pF
Drive Level
1 uW Max.
Aging
3 ppm Max. / Year
Temperature
Operating
-40
 C to +85 C Standard
Storage
-40
 C to +85 C Standard
Typical X Cut Tem perature Coefficient
-180
-150
-120
-90
-60
-30
0
-40
-30
-20
-10
0
102030
405060
7080
Tem perature
Part Number Guide
Sample Part Number:
IL3X - HX5F12.5 - 32.768 kHz
Package
Stability
(ppm) at Room
Temperature
Stability
(ppm) over Operating
Temperature
Operating
Temperature Range
Mode
(overtone)
Load Capacitance
(pF)
Frequency
IL3X -
H = ±20 ppm
X = X Cut
5 = -40°C to +85°C
F = Fundamental
12.5 pF
- 32.768 kHz


Similar Part No. - IL3X

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
IL30 SIEMENS-IL30 Datasheet
63Kb / 3P
PHOTODARLINGTON OPTOCOUPLER
logo
Vishay Siliconix
IL30 VISHAY-IL30 Datasheet
180Kb / 9P
Optocoupler, Photodarlington Output (Single, Dual, Quad Channel)
26-Oct-04
IL30 VISHAY-IL30 Datasheet
175Kb / 9P
Optocoupler, Photodarlington Output
14-Dec-07
IL30 VISHAY-IL30 Datasheet
232Kb / 10P
Optocoupler, Photodarlington Output, (Single, Dual, Quad Channel)
28-Jul-14
IL30 VISHAY-IL30 Datasheet
259Kb / 11P
Optocoupler, Photodarlington Output, (Single, Dual, Quad Channel)
20-Sep-2021
More results

Similar Description - IL3X

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
IL3Y ILSI-IL3Y Datasheet
56Kb / 2P
2 Pad Glass Package Quartz Crystal, 1.5 mm x 4.1 mm
ILCX03 ILSI-ILCX03 Datasheet
58Kb / 2P
2 Pad Ceramic Package Quartz Crystal, 3.2 mm x 5 mm
ILCX07 ILSI-ILCX07 Datasheet
46Kb / 2P
4 Pad Ceramic Package Quartz Crystal, 3.2 mm x 5 mm
ILCX13 ILSI-ILCX13 Datasheet
46Kb / 2P
4 Pad Ceramic Package, 2.5 mm x 3.2 mm
ILCX18 ILSI-ILCX18 Datasheet
46Kb / 2P
4 Pad Ceramic Package, 2 mm x 2.5 mm
ZTACV ILSI-ZTACV Datasheet
45Kb / 2P
2 Pad and 3 Pad Ceramic Package, 3.1 mm x 3.7 mm
ZTT ILSI-ZTT Datasheet
46Kb / 2P
2 Pad and 3 Pad Ceramic Package, 5.5 mm x 10 mm
ZTTS-MG ILSI-ZTTS-MG Datasheet
56Kb / 2P
2 Pad and 3 Pad Ceramic Package, 3.4 mm x 7.4 mm and 4.1 mm x 4.7 mm
ZTTCV-MX ILSI-ZTTCV-MX Datasheet
56Kb / 2P
2 Pad and 3 Pad Ceramic Package, 3.1 mm x 3.7 mm
ZTT-MG ILSI-ZTT-MG Datasheet
57Kb / 2P
2 Pad and 3 Pad Ceramic Package, 5.5 mm x 10 mm
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com