Electronic Components Datasheet Search
  English  ▼

X  

AP2401 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP2401
Description  2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH LATCH-OFF
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2401 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP2401_13 Datasheet HTML 1Page - Diodes Incorporated AP2401_13 Datasheet HTML 2Page - Diodes Incorporated AP2401_13 Datasheet HTML 3Page - Diodes Incorporated AP2401_13 Datasheet HTML 4Page - Diodes Incorporated AP2401_13 Datasheet HTML 5Page - Diodes Incorporated AP2401_13 Datasheet HTML 6Page - Diodes Incorporated AP2401_13 Datasheet HTML 7Page - Diodes Incorporated AP2401_13 Datasheet HTML 8Page - Diodes Incorporated AP2401_13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
AP2401/AP2411
Document number: DS35113 Rev. 6 - 2
2 of 18
www.diodes.com
March 2013
© Diodes Incorporated
AP2401/AP2411
Typical Applications Circuit
0.1uF
IN
GND
EN
OUT
ON
120uF
Power Supply
2.7V to 5.5V
0.1uF
OFF
FLG
Load
10k
Enable Active High
Available Options
Part
Number
Channel
Enable Pin
(EN)
Recommended Maximum
Continuous Load Current
(A)
Typical Output Latch-Off
Current Limit
(A)
Package
AP2401
1
Active Low
2
2.5
SO-8
MSOP-8
MSOP-8EP
U-DFN3030-8
U-DFN2020-6
AP2411
1
Active High
Pin Descriptions
Pin Name
Pin Number
Function
SO-8,
MSOP-8
MSOP-8EP,
U-DFN3030-8
U-DFN2020-6
GND
1
1
2
Ground
IN
2, 3
2, 3
1
Voltage Input Pin. Connect a 0.1µF or larger ceramic capacitor from IN to GND as close
as possible. (all IN pins must be tied together externally)
EN
4
4
3
Enable Input. Active low (AP2401) or active high (AP2411).
FLG
5
5
4
Over-temperature and over-current fault reporting with 7ms deglitch; active low open-drain
output. FLG is disabled for 7ms after turn-on.
OUT
6, 7
6, 7
5
Voltage Output Pin (all OUT pins must be tied together externally)
NC
8
8
6
No Internal Connection. Recommend tie to OUT pins.
Exposed Pad
—
Exposed Pad
Exposed Pad
Exposed pad. It should be externally connected to GND plane and thermal mass for
enhanced thermal impedance. Exposed pad should not be used as electrical ground
conduction path.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com