Electronic Components Datasheet Search
  English  ▼

X  

AP2401 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AP2401
Description  2.0A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH LATCH-OFF
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2401 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AP2401 Datasheet HTML 5Page - Diodes Incorporated AP2401 Datasheet HTML 6Page - Diodes Incorporated AP2401 Datasheet HTML 7Page - Diodes Incorporated AP2401 Datasheet HTML 8Page - Diodes Incorporated AP2401 Datasheet HTML 9Page - Diodes Incorporated AP2401 Datasheet HTML 10Page - Diodes Incorporated AP2401 Datasheet HTML 11Page - Diodes Incorporated AP2401 Datasheet HTML 12Page - Diodes Incorporated AP2401 Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
AP2401/AP2411
Document number: DS35113 Rev. 6 - 2
9 of 18
www.diodes.com
March 2013
© Diodes Incorporated
AP2401/AP2411
Typical Performance Characteristics (cont.)
0
10
20
30
40
50
60
70
80
90
100
-50 - 25
0
25
50
75
100 125
Temperature (C)
Supply Current, Output Enabled vs. Temperature
V = 5.5V
IN
V = 5V
IN
V = 2.7V
IN
V = 3.3V
IN
-50
-25
0
25
50
75
100 125
Temperature (C)
Supply Current, Output Disabled vs. Temperature
-0.30
0.30
0.25
0.20
0.15
0.10
-0.05
0
-0.10
0.05
-0.15
-0.20
-0.25
V = 5.5V
IN
V = 5V
IN
V = 2.7V
IN
V = 3.3V
IN
40
50
60
70
80
90
100
110
120
130
140
150
160
170
180
-50
-25
0
25
50
75
100 125
Temperature (°C)
R
vs. Temperature
DS(ON)
V = 5.5V
IN
V = 5V
IN
V = 2.7V
IN
V = 3.3V
IN
3.0
-50
-25
0
25
50
75
100 125
Temperature (°C)
Short-Circuit, Output Current vs. Temperature
2.9
2.8
2.7
2.6
2.5
2.4
2.3
2.2
2.0
2.1
V = 5.5V
IN
V = 5V
IN
V = 2.7V
IN
V = 3.3V
IN
2.05
-50
-25
0
25
50
75
100 125
Temperature (°C)
Undervoltage Lockout vs. Temperature
2.10
2.15
1.90
1.95
2.00
1.65
1.70
1.75
1.80
1.85
UVLO Falling
UVLO Rising
2.5
2.6
2.7
2
2.5
3
3.5
4
4.5
5
5.5
6
Input Voltage (V)
Turn-Off vs. Input Voltage
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
C = 120µF
T = 25°C
L
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com