Electronic Components Datasheet Search
  English  ▼

X  

V15 Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # V15
Description  Electromechanical switch designed for enhanced reliability at a great value.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

V15 Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  V15 Datasheet HTML 1Page - Honeywell Solid State Electronics Center V15 Datasheet HTML 2Page - Honeywell Solid State Electronics Center V15 Datasheet HTML 3Page - Honeywell Solid State Electronics Center V15 Datasheet HTML 4Page - Honeywell Solid State Electronics Center V15 Datasheet HTML 5Page - Honeywell Solid State Electronics Center V15 Datasheet HTML 6Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
V-Basic Standard V15 Series
Specifications
Insulation resistance
≥ 100 mOhm (500 Vdc)
Dielectric strength
1000 Vac (50 Hz/60 Hz, 1 min.)
Contact resistance
100 milliOhm max.
Operating frequency - electrical
10 to 30 operations per minute
Operating frequency – mechanical
300 operations per minute max.
Operating speed
0,1mm - 1m/sec.
Service life mechanical
5 million cycles (operating force < 200 g); 1 million cycles (operating force > 200 g)
Service life electrical
6000 or 50000 operations minimum
Storage temperature
-25 °C to 100 °C [-13 °F to 212 °F]
Storage humidity
85 % RH max.
Micro disconnection (μ)
< 3 mm contact gap
Agency approvals
ENEC, CQC, UL, cUL
ELECTRICAL CHARACTERISTICS
Electrical rating
16
ENEC/CQC ; 16(4) A, 250 Vac (50000 cycles)
UL/cUL ; 16½ HP, 125 Vac/250 Vac (6000 cycles)
22
ENEC/CQC: 22(8 )A, 250 Vac (10000 cycles)
UL/cUL: 22 A 1HP, 125 Vac/250Vac (6000 cycles)
DIMENSIONS
MOUNTING HOLE DIMENSIONS
Metric mounting for Ø3 mm pins or screws
USA mounting for #4 screws
2
www.honeywell.com/sensing



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com