Electronic Components Datasheet Search
  English  ▼

X  

MOC5010 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MOC5010
Description  6-Pin DIP Optoisolators Logic Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MOC5010 Datasheet(HTML) 2 Page - Motorola, Inc

  MOC5010 Datasheet HTML 1Page - Motorola, Inc MOC5010 Datasheet HTML 2Page - Motorola, Inc MOC5010 Datasheet HTML 3Page - Motorola, Inc MOC5010 Datasheet HTML 4Page - Motorola, Inc MOC5010 Datasheet HTML 5Page - Motorola, Inc MOC5010 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MOC5007 MOC5008 MOC5009
2
Motorola Optoelectronics Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)(1)
Characteristic
Symbol
Min
Typ1)
Max
Unit
INPUT LED
Reverse Leakage Current (VR = 3 V, RL = 1 MΩ)
IR
—
0.05
10
µA
Forward Voltage (IF = 10 mA)
Forward Voltage (IF = 0.3 mA)
VF
—
0.75
1.2
0.95
1.5
—
Volts
Capacitance (VR = 0 V, f = 1 MHz)
C
—
18
—
pF
OUTPUT DETECTOR
Operating Voltage
VCC
3
—
15
Volts
Supply Current (IF = 0, VCC = 5 V)
ICC(off)
—
1
5
mA
Output Current, High (IF = 0, VCC = Vo = 15 V)
IOH
—
—
100
µA
COUPLED
Supply Current (IF = IF(on), VCC = 5 V)
ICC(on)
—
1.6
5
mA
Output Voltage, Low (RL = 270 Ω, VCC = 5 V, IF = IF(on))
VOL
—
0.2
0.4
Volts
Threshold Current, ON
MOC5007
(RL = 270 Ω, VCC = 5 V)
MOC5008
MOC5009
IF(on)
—
—
—
1.2
—
—
1.6
4
10
mA
Threshold Current, OFF
MOC5007
(RL = 270 Ω, VCC = 5 V)
MOC5008, 5009
IF(off)
0.3
0.3
0.75
—
—
—
mA
Hysteresis Ratio (RL = 270 Ω, VCC = 5 V)
IF(off)
IF(on)
0.5
0.75
0.9
Isolation Voltage(2) 60 Hz, AC Peak, 1 second, TA = 25°C
VISO
7500
—
—
Vac(pk)
Turn–On Time
RL = 270 Ω(3)
VCC = 5 V,
IF = IF(on)
TA = 25°C
ton
—
1.2
4
µs
Fall Time
RL = 270 Ω(3)
VCC = 5 V,
IF = IF(on)
TA = 25°C
tf
—
0.1
—
Turn–Off Time
VCC = 5 V,
IF = IF(on)
TA = 25°C
toff
—
1.2
4
Rise Time
TA = 25°C
tr
—
0.1
—
1. Always design to the specified minimum/maximum electrical limits (where applicable).
2. For this test, IRED Pins 1 and 2 are common and Output Gate Pins 4, 5, 6 are common.
3. RL value effect on switching time is negligible.
Vin
tr = tf = 0.01 µs
Z = 50
Ω
IF (on)
tr
tf
Figure 1. Switching Test Circuit
toff
ton
Vo
2
1
IF
5
6
4
RL
ICC
270
Ω
5 V
VO (OPEN COLLECTOR OUTPUT)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com