Electronic Components Datasheet Search
  English  ▼

X  

BY4 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # BY4
Description  High Voltage Silicon Rectifier Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BY4 Datasheet(HTML) 1 Page - Diotec Semiconductor

  BY4 Datasheet HTML 1Page - Diotec Semiconductor BY4 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BY4 ... BY16
BY4 ... BY16
High Voltage Silicon Rectifier Diodes
Silizium-Hochspannungs-Gleichrichterdioden
Version 2013-04-03
Dimensions - Maße [mm]
Nominal current
Nennstrom
0.3 A ... 1 A
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
4000...16000 V
Plastic case
Kunststoffgehäuse
Ø 7.3 x 22 [mm]
Weight approx.
Gewicht ca.
1.9 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging taped in Reel
Standard Lieferform gegurtet auf Rolle
Maximum ratings and Characteristics
Grenz- und Kennwerte
Type
Typ
Rep. peak reverse volt.
Period. Spitzensperrspg.
VRRM [V]
Surge peak reverse volt.
Stoßspitzensperrspg.
VRSM [V]
Max. forward current
Dauergrenzstrom
IFAV [A] 1)
Forward volt.
Durchlass-Spg.
VF [V] 2)
BY4
4000
4000
1.0
< 4.0
BY6
6000
6000
1.0
< 6.0
BY8
8000
8000
0.5
< 8.0
BY12
12000
12000
0.5
< 10.0
BY16
16000
16000
0.3
< 15.0
Leakage Current
Sperrstrom
Tj = 25°C
Tj = 100°C
VR = VRRM
VR = VRRM
< 1 µA
< 25 µA
Peak forward surge current, 50 Hz half sine-wave
Stoßstrom für eine 50 Hz Sinus-Halbwelle
TA = 25°C
IFSM
30 A
Rating for fusing, t < 10 ms
Grenzlastintegral, t < 10 ms
TA = 25°C
i2t
4.5 A2s
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-50...+150°C
-50...+150°C
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
RthA
< 25 K/W 1)
1
Valid, if leads are kept at ambient temperature TA = 50°C at a distance of 10 mm from case
Gültig, wenn die Anschlussdrähte in 10 mm Abstand vom Gehäuse auf Umgebungstemperatur TA = 50°C gehalten werden
2
At / Bei IFAV,Tj = 25°C
© Diotec Semiconductor AG
http://www.diotec.com/
1
7.3±0.3
Ø 1.2±0.05


Similar Part No. - BY4

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
BY4 DIOTEC-BY4 Datasheet
110Kb / 1P
High Voltage Si-Rectifiers
BY4 DIOTEC-BY4 Datasheet
188Kb / 2P
Silicon Rectifiers
logo
Semikron International
BY4 SEMIKRON-BY4 Datasheet
51Kb / 2P
High voltage silicon rectifier diodes
logo
Diotec Semiconductor
BY4 DIOTEC-BY4 Datasheet
45Kb / 1P
High Voltage Si-Rectifiers
BY4 DIOTEC-BY4 Datasheet
98Kb / 2P
High Voltage Silicon Rectifier Diodes
More results

Similar Description - BY4

ManufacturerPart #DatasheetDescription
logo
Semikron International
BV8 SEMIKRON-BV8 Datasheet
51Kb / 2P
High voltage silicon rectifier diodes
BV8 SEMIKRON-BV8_06 Datasheet
55Kb / 2P
High voltage silicon rectifier diodes
BY4 SEMIKRON-BY4_06 Datasheet
55Kb / 2P
High voltage silicon rectifier diodes
logo
Diotec Semiconductor
BY4 DIOTEC-BY4_11 Datasheet
98Kb / 2P
High Voltage Silicon Rectifier Diodes
SI-E8000 DIOTEC-SI-E8000 Datasheet
191Kb / 2P
High Voltage Silicon Rectifier Diodes
SI-A1125 DIOTEC-SI-A1125_13 Datasheet
136Kb / 2P
High Voltage Silicon Rectifier Diodes
logo
GETAI ELECTRONICS DEVIC...
ESJC50F10 GETEDZ-ESJC50F10_17 Datasheet
512Kb / 2P
High voltage silicon rectifier diodes
HV500F10 GETEDZ-HV500F10_1 Datasheet
512Kb / 2P
High voltage silicon rectifier diodes
HV500F12 GETEDZ-HV500F12_1 Datasheet
512Kb / 2P
High voltage silicon rectifier diodes
HV500F15 GETEDZ-HV500F15_1 Datasheet
512Kb / 2P
High voltage silicon rectifier diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com