Electronic Components Datasheet Search
  English  ▼

X  

ZPD2.7 Datasheet(PDF) 3 Page - Diotec Semiconductor

Part # ZPD2.7
Description  Silicon Planar Zener Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

ZPD2.7 Datasheet(HTML) 3 Page - Diotec Semiconductor

  ZPD2.7_13 Datasheet HTML 1Page - Diotec Semiconductor ZPD2.7_13 Datasheet HTML 2Page - Diotec Semiconductor ZPD2.7_13 Datasheet HTML 3Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ZPD2.7 ... ZPD75 (500 mW)
© Diotec Semiconductor AG
http://www.diotec.com/
3
0
2
3
4
5
6
7
8
10
[V]
V
Z
[mA]
50
150
0
100
I
Z
Typical breakdown characteristic
Typische Abbruchspannung
– tested with pulses
– gemessen mit Impulsen
5,6
6,2
6,8
7,5
8,2
9,1
I
Zmax
T = 25°C
j
I = 5 mA
Z
2.7
3.3 3.8
4.7
120
100
80
60
40
20
0
[%]
I
FAV
Rated forward current versus ambient temperature )
Zul. Richtstrom in Abh. von der Umgebungstemp. )
1
1
[°C]
T
A
150
100
50
0
1
10
10
10
1
3
2
[pF]
[V]
C j
VZ
T = 25°C
f = 1.0 MHz
j
V = 1V
R
V = 2V
R
Junction capacitance vs. zener voltage (typical)
Sperrschichtkapazität in Abh. v.d. Zenerspg. (typ.)
V = 2V
R
V = 1V
R
10
100
0
10
20
30
40
50
60
70
80
V
Z
18
24
30
36
43
51
62
56
68
75
T = 25°C
j
60
50
45
40
35
30
25
20
15
5
0
[mA]
I
Z
I
Zmax
Typical breakdown characteristic
Typische Abbruchspannung
– tested with pulses
– gemessen mit Impulsen
10
10
1
10
3
-1
10
10
2
[mA]
I
F
Forward characteristics (typical values)
Durchlasskennlinien (typische Werte)
0
V
F
0.4
0.6
0.8
1.0
[V] 1.4
T = 100°C
j
T = 25°C
j



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com