Electronic Components Datasheet Search
  English  ▼

X  

ES3J Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # ES3J
Description  3.0AMPS Surface Mount Super Fast Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

ES3J Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  ES3J Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd ES3J Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd ES3J Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd ES3J Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Version:G13
RATINGS AND CHARACTERISTIC CURVES (ES3A THRU ES3J)
0
0.5
1
1.5
2
2.5
3
3.5
0
25
50
75
100
125
150
LEAD TEMPERATURE (oC)
FIG.1 MAXIMUM FORWARD CURRENT
DERATING CURVE
0
10
20
30
40
50
60
70
80
90
100
110
100
NUMBER OF CYCLES AT 60 Hz
FIG. 2 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
8.3mS Half Sin Wave
0.1
1
10
100
1000
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 4 TYPICAL REVERSE CHARACTERISTICS
TA=25℃
TA=125℃
TA=75℃
0
15
30
45
60
75
90
105
1
10
100
REVERSE VOLTAGE (V)
FIG. 5 TYPICAL JUNCTION CAPACITANCE
ES3A-3D
ES3F-3J
0.01
0.1
1
10
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
FORWARD VOLTAGE (V)
FIG. 3 TYPICAL FORWARD CHARACTERISTICS
ES3H-3J
ES3F-3G
ES3A-3D
0.1
1
10
100
0.01
0.1
1
10
100
HEATING TIME (sec)
FIG. 6 TYPICAL TRANSIENT THERMAL IMPEDANCE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com