Electronic Components Datasheet Search
  English  ▼

X  

MBRF1635 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # MBRF1635
Description  16.0 AMPS. Isolated Schottky Barrier Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBRF1635 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  MBRF1635 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBRF1635 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MBRF1635 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CREAT BY ART
UL Recognized File # E-326243
Low power loss, high efficiency
High current capability, low forward voltage drop
Guard-ring for overvoltage protection
Mechanical Data
MBRF1635 ITO-220AC 50 / TUBE
C0
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Symbol
MBRF
1635
MBRF
1645
MBRF
1650
MBRF
1660
MBRF
1690
MBRF
16100
MBRF
16150
Unit
VRRM
35
45
50
60
90
100
150
V
VRMS
24
31
35
42
63
70
105
V
VDC
35
45
50
60
90
100
150
V
IF(AV)
A
IRRM
A
0.95
0.92
0.1
5
dV/dt
V/us
Cj
pF
RθjC
OC/W
TJ
OC
TSTG
OC
MBRF1635 - MBRF16150
16.0 AMPS. Isolated Schottky Barrier Rectifiers
ITO-220AC
Features
Plastic material used carriers Underwriters
Laboratory Classification 94V-0
Metal silicon junction, majority carrier conduction
High surge capability
For use in low voltage, high frequency inverters,
free wheeling, and polarity protection applications
High temperature soldering guaranteed:
260℃/10 seconds, at terminals
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Case:ITO-220AC molded plastic body
Terminals: Pure tin plated, lead free, solderable
per MIL-STD-750, Method 2026
Polarity: As marked
Mounting position:Any
Mounting torque: 5 in. - lbs, max
Weight: 1.7 grams
Parameter
Maximum Repetitive Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
16
Peak Repetitive Forward Current
(Rated VR, Square Wave, 20KHz)
IFRM
32
A
Peak Forward Surge Current, 8.3 ms Single Half Sine-wave
Superimposed on Rated Load (JEDEC method)
IFSM
150
A
Peak Repetitive Reverse Surge Current (Note 1)
1
0.5
V
0.63
0.75
0.85
0.57
0.65
0.75
Maximum Reverse Current @ Rated VR TA=25 ℃
TA=125 ℃
IR
0.5
0.3
Maximum Instantaneous Forward Voltage (Note 2)
IF=16A, TA=25℃
IF=16A, TA=125℃
VF
Operating Temperature Range
- 65 to + 150
mA
15
10
7.5
Voltage Rate of Change (Rated VR)
10000
Storage Temperature Range
- 65 to + 150
Note 1: 2.0uS Pulse Width, f=1.0KHz
Note 2: Pulse Test : 300uS Pulse Width, 1% Duty Cycle
Version:G12
C0G
Typical Junction Capacitance
500
Typical Thermal Resistance
3
Ordering Information(example)
Part No.
Package
Packing
Packing code
Packing code
(Green)


Similar Part No. - MBRF1635

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
MBRF1635 GE-MBRF1635 Datasheet
114Kb / 2P
SCHOTTKY ISOLATED PLASTIC RECTIFIER
MBRF1635 GE-MBRF1635 Datasheet
114Kb / 2P
SCHOTTKY ISOLATED PLASTIC RECTIFIER
logo
Taiwan Semiconductor Co...
MBRF1635 TSC-MBRF1635 Datasheet
66Kb / 2P
Isolation 16.0 AMPS. Schottky Barrier Rectifiers
logo
GOOD-ARK Electronics
MBRF1635 GOOD-ARK-MBRF1635 Datasheet
246Kb / 3P
Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
MBRF1635 TSC-MBRF1635 Datasheet
270Kb / 2P
Isolated 16.0 AMPS. Schottky Barrier Rectifiers
More results

Similar Description - MBRF1635

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SRA1620 TSC-SRA1620 Datasheet
50Kb / 2P
16.0 AMPS. Schottky Barrier Rectifiers
MBR1635 TSC-MBR1635 Datasheet
61Kb / 2P
16.0 AMPS. Schottky Barrier Rectifiers
MBRF1635 TSC-MBRF1635_1 Datasheet
270Kb / 2P
Isolated 16.0 AMPS. Schottky Barrier Rectifiers
SR1620 TSC-SR1620 Datasheet
93Kb / 2P
16.0 AMPS. Schottky Barrier Rectifiers
SRAF1620 TSC-SRAF1620_1 Datasheet
190Kb / 2P
Isolated 16.0 AMPS. Schottky Barrier Rectifiers
SRF1620 TSC-SRF1620_1 Datasheet
205Kb / 2P
Isolated 16.0 AMPS. Schottky Barrier Rectifiers
MBRF1635 TSC-MBRF1635_11 Datasheet
148Kb / 2P
16.0 AMPS. Isolated Schottky Barrier Rectifiers
SRAF1620 TSC-SRAF1620_10 Datasheet
620Kb / 2P
Isolated 16.0 AMPS. Schottky Barrier Rectifiers
MBR1635 TSC-MBR1635_11 Datasheet
247Kb / 2P
16.0 AMPS. Schottky Barrier Rectifiers
MBRF16H45 TSC-MBRF16H45 Datasheet
142Kb / 2P
16.0 AMPS. Isolated Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com