Electronic Components Datasheet Search
  English  ▼

X  

MBRF2035 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # MBRF2035
Description  20.0 AMPS. Isolated Schottky Barrier Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBRF2035 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  MBRF2035 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBRF2035 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MBRF2035 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CREAT BY ART
UL Recognized File # E-326243
Low power loss, high efficiency
High current capability, low forward voltage drop
Guard-ring for overvoltage protection
Mechanical Data
MBRF2035 ITO-220AC 50 / TUBE
C0
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Symbol
MBRF
2035
MBRF
2045
MBRF
2050
MBRF
2060
MBRF
2090
MBRF
20100
Unit
VRRM
35
45
50
60
90
100
V
VRMS
24
31
35
42
63
70
V
VDC
35
45
50
60
90
100
V
IF(AV)
A
IRRM
A
dV/dt
V/us
Cj
pF
RθjC
OC/W
TJ
OC
TSTG
OC
Storage Temperature Range
- 65 to + 150
Note 1: 2.0uS Pulse Width, f=1.0KHz
Note 2: Pulse Test : 300uS Pulse Width, 1% Duty Cycle
Version:G12
Packing code
Packing code
(Green)
C0G
Typical Junction Capacitance
560
420
Typical Thermal Resistance
3
Operating Temperature Range
- 65 to + 150
mA
15
10
5
Voltage Rate of Change (Rated VR)
10000
Maximum Reverse Current @ Rated VR TA=25 ℃
TA=125 ℃
IR
0.2
0.1
Maximum Instantaneous Forward Voltage (Note 2)
IF=20A, TA=25℃
IF=20A, TA=125℃
VF
V
0.75
0.82
0.95
0.65
0.72
0.87
A
Peak Forward Surge Current, 8.3 ms Single Half Sine-wave
Superimposed on Rated Load (JEDEC method)
IFSM
150
A
Peak Repetitive Reverse Surge Current (Note 1)
1
0.5
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
20
Peak Repetitive Forward Current
(Rated VR, Square Wave, 20KHz)
IFRM
40
Polarity: As marked
Mounting position:Any
Mounting torque: 5 in. - lbs, max
Weight: 1.88 grams
Parameter
Maximum Repetitive Peak Reverse Voltage
Ordering Information(example)
Part No.
Package
Packing
High surge capability
For use in low voltage, high frequency inverters,
free wheeling, and polarity protection applications
High temperature soldering guaranteed:
260℃/10 seconds, 0.25"(6.35mm) from case
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Case:ITO-220AC molded plastic body
Terminals: Pure tin plated, lead free, solderable
per MIL-STD-750, Method 2026
MBRF2035 - MBRF20100
20.0 AMPS. Isolated Schottky Barrier Rectifiers
ITO-220AC
Features
Plastic material used carriers Underwriters
Laboratory Classification 94V-0
Metal silicon junction, majority carrier conduction


Similar Part No. - MBRF2035

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRF2035 TSC-MBRF2035 Datasheet
272Kb / 2P
Isolated 20.0 AMPS. Schottky Barrier Rectifiers
MBRF2035 TSC-MBRF2035 Datasheet
149Kb / 2P
20.0 AMPS. Isolated Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
MBRF2035 LUGUANG-MBRF2035 Datasheet
214Kb / 2P
Isolated 20.0AMP. Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
MBRF2035 TSC-MBRF2035 Datasheet
218Kb / 4P
Isolated Schottky Barrier Rectifiers
logo
Mospec Semiconductor
MBRF2035C MOSPEC-MBRF2035C Datasheet
146Kb / 2P
Full Plastic Dual Schottky Barrier Power Rectifiers
More results

Similar Description - MBRF2035

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBR2035PTV TSC-MBR2035PTV Datasheet
365Kb / 2P
20.0 AMPS. Schottky Barrier Rectifiers
MBRF20H100CT TSC-MBRF20H100CT Datasheet
565Kb / 2P
Isolated 20.0 AMPS. Schottky Barrier Rectifiers
MBRF2035 TSC-MBRF2035 Datasheet
272Kb / 2P
Isolated 20.0 AMPS. Schottky Barrier Rectifiers
MBRF2035CT TSC-MBRF2035CT Datasheet
210Kb / 2P
Isolated 20.0 AMPS. Schottky Barrier Rectifiers
SRF2020 TSC-SRF2020_1 Datasheet
203Kb / 2P
Isolated 20.0 AMPS. Schottky Barrier Rectifiers
MBR20H100CT TSC-MBR20H100CT_09 Datasheet
523Kb / 2P
20.0 AMPS. Schottky Barrier Rectifiers
MBRF20H100CT TSC-MBRF20H100CT_09 Datasheet
1Mb / 2P
Isolated 20.0 AMPS. Schottky Barrier Rectifiers
MBRF2035 TSC-MBRF2035_11 Datasheet
149Kb / 2P
20.0 AMPS. Isolated Schottky Barrier Rectifiers
MBRF2035CT TSC-MBRF2035CT_11 Datasheet
183Kb / 2P
20.0 AMPS. Isolated Schottky Barrier Rectifiers
SR2020PT TSC-SR2020PT_10 Datasheet
624Kb / 2P
20.0 AMPS. Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com