Electronic Components Datasheet Search
  English  ▼

X  

MBRF25150CT Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # MBRF25150CT
Description  25.0 AMPS. Isolated Schottky Barrier Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

MBRF25150CT Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  MBRF25150CT Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd MBRF25150CT Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd MBRF25150CT Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CREAT BY ART
UL Recognized File # E-326243
Low power loss, high efficiency
High current capability, low forward voltage drop
Guard-ring for overvoltage protection
Mechanical Data
MBRF2535CT ITO-220AB 50 / TUBE
C0
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Symbol
MBRF
2535
CT
MBRF
2545
CT
MBRF
2550
CT
MBRF
2560
CT
MBRF
2590
CT
MBRF
25100
CT
MBRF
25150
CT
Unit
VRRM
35
45
50
60
90
100
150
V
VRMS
24
31
35
42
63
70
105
V
VDC
35
45
50
60
90
100
150
V
IF(AV)
A
IRRM
A
0.95
0.92
1.02
0.98
5
dV/dt
V/us
Cj
pF
TJ
OC
TSTG
OC
Packing code
Packing code
(Green)
Note 3: Clip Mounting (on case), where lead does not overlap heatsink with 0.11" offset
Note 4: Clip Mounting (on case), where lead do overlap heatsink.
Note 5: Screw mounting with 4-40 screw, where washer diameter is ≦4.9mm (0.19")
Version:H12
C0G
Operating Temperature Range
- 65 to + 150
Storage Temperature Range
- 65 to + 150
Note 1: 2.0uS Pulse Width, f=1.0KHz
Note 2: Pulse Test : 300uS Pulse Width, 1% Duty Cycle
V
3500 (Note 4)
1500 (Note 5)
Typical Thermal Resistance Per Leg
RθjA
RθjC
8
1
OC/W
Voltage Rate of Change (Rated VR)
10000
Typical Junction Capacitance
580
480
RMS Isolation Voltage
(t=1.0 second, R.H.≦30%,TA=25℃)
VISO
4500 (Note 3)
Maximum Reverse Current @ Rated VR TA=25 ℃
TA=125 ℃
IR
20.1
mA
15
10
7.5
0.65
0.75
0.82
-
0.92
0.73
-
0.88
Maximum Instantaneous Forward Voltage (Note 2)
IF=12.5A, TA=25℃
IF=12.5A, TA=125℃
IF=25A, TA=25℃
IF=25A, TA=125℃
VF
V
-
0.75
0.85
-
A
Peak Forward Surge Current, 8.3 ms Single Half Sine-wave
Superimposed on Rated Load (JEDEC method)
IFSM
200
A
Peak Repetitive Reverse Surge Current (Note 1)
1
0.5
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
25
Peak Repetitive Forward Current
(Rated VR, Square Wave, 20KHz)
IFRM
25
Polarity: As marked
Mounting position:Any
Mounting torque: 5 in. - lbs, max
Weight: 1.75 grams
Parameter
Maximum Repetitive Peak Reverse Voltage
Ordering Information (example)
Part No.
Package
Packing
High surge capability
For use in low voltage, high frequency inverters,
free wheeling, and polarity protection applications
High temperature soldering guaranteed:
260℃/10 seconds, at terminals
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Case:ITO-220AB molded plastic body
Terminals: Pure tin plated, lead free, solderable
per MIL-STD-750, Method 2026
MBRF2535CT - MBRF25150CT
25.0 AMPS. Isolated Schottky Barrier Rectifiers
ITO-220AB
Features
Plastic material used carriers Underwriters
Laboratory Classification 94V-0
Metal silicon junction, majority carrier conduction


Similar Part No. - MBRF25150CT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRF25150CT TSC-MBRF25150CT Datasheet
357Kb / 2P
Isolated 25.0 AMPS. Schottky Barrier Rectifiers
MBRF25150CT TSC-MBRF25150CT Datasheet
182Kb / 2P
25.0 AMPS. Isolated Schottky Barrier Rectifiers
MBRF25150CT TSC-MBRF25150CT Datasheet
228Kb / 4P
Dual Common Cathode Schottky Rectifier
MBRF25150CT-Y TSC-MBRF25150CT-Y Datasheet
228Kb / 4P
Dual Common Cathode Schottky Rectifier
More results

Similar Description - MBRF25150CT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
MBRS2535CT TSC-MBRS2535CT Datasheet
81Kb / 2P
25.0 AMPS. Schottky Barrier Rectifiers
MBR2535CT TSC-MBR2535CT Datasheet
101Kb / 2P
25.0 AMPS. Schottky Barrier Rectifiers
MBR2535CT TSC-MBR2535CT_1 Datasheet
361Kb / 2P
25.0 AMPS. Schottky Barrier Rectifiers
MBRF2535CT TSC-MBRF2535CT Datasheet
120Kb / 2P
Isolation 25.0 AMPS. Schottky Barrier Rectifiers
MBRF2535CT TSC-MBRF2535CT_1 Datasheet
357Kb / 2P
Isolated 25.0 AMPS. Schottky Barrier Rectifiers
MBR2535CT TSC-MBR2535CT_10 Datasheet
484Kb / 2P
25.0 AMPS. Schottky Barrier Rectifiers
MBRF2535CT TSC-MBRF2535CT_11 Datasheet
182Kb / 2P
25.0 AMPS. Isolated Schottky Barrier Rectifiers
logo
Kersemi Electronic Co.,...
MBRS2545CT KERSEMI-MBRS2545CT Datasheet
807Kb / 2P
25.0 AMPS. Schottky Barrier Rectifiers
MBR2590CT KERSEMI-MBR2590CT Datasheet
818Kb / 2P
25.0 AMPS. Schottky Barrier Rectifiers
logo
EM Microelectronic - MA...
MBRS2545CT EMMICRO-MBRS2545CT Datasheet
807Kb / 2P
25.0 AMPS. Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com