Electronic Components Datasheet Search
  English  ▼

X  

LH40 Datasheet(PDF) 2 Page - LEM

Part # LH40
Description  True RMS AC/DC Clamp-on Multimeters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

LH40 Datasheet(HTML) 2 Page - LEM

  LH40 Datasheet HTML 1Page - LEM LH40 Datasheet HTML 2Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Printed in Austria
Technical modifications reserved
Publication A 99000640
LEM NORMA GmbH
Export department
Palmersstrasse 2
A-2351 WIENER NEUDORF
TEL:
+43(0)2236 691 0
FAX:
+43(0)2236 63 080
E-mail: lno@lem.com
BELGIUM & LUXEMBURG
LEM Belgium sprl-bvba
Route de Petit-Roeulx, 95
B-7090 BRAINE-LE-COMTE
TEL:
+32(0)67 55 01 14
FAX:
+32(0)67 55 01 15
E-mail: lbe@lem.com
GREAT BRITAIN & IRELAND
LEM UK LTD
Geneva Court
1 Penketh Place
West Pimbo
Skelmersdale, Lancashire WN8 9QX
TEL:
+44(0)1 695 72 07 77
FAX:
+44(0)1 695 50 704
E-mail: luk@lem.com
NAFTA
LEM Instruments Inc.
23822 Hawthorne Boulevard #100
US-TORRANCE, CA 90505
TEL:
+1 310 373 09 66
FAX:
+1 310 373 90 56
E-mail: liu@lem.com
NETHERLANDS
LEM Nederland B.V.
Rijzendeweg 5
NL-4634 TV WOENSDRECHT
TEL:
+31(0)16 46 154 62
FAX:
+31(0)16 46 166 06
E-mail: lne@lem.com
Voltage Measurement
Methods of measurement
AC True RMS or DC (4)
Ranges (auto-ranging)
400V, 600V
Maximum overload
1,000V
Accuracy
±1% of reading ± 3 digits (1)
Resolution
100mV (400V range)
1V (600V range)
Crest Factor
6 for V < 1,000 V peak
Input impedance
1 M
Ω
Resistance, Continuity and Diode Testing
Ω ranges (auto-ranging)
400
Ω, 4 kΩ
Ω resolution
0.1
Ω (400 Ω range)
1
Ω (4 kΩ range)
Ω accuracy
± 1% of reading ± 3 digits (1)
Continuity sounder
Toggled on & off by )))) button;
(
Ω range only)
Sounds when resistance < 50
Ω
Input protection,
Ω &
To 600 V, DC or sine wave RMS
diode test
Diode-test 3.2V max. open
Reads forward-biased diode
Circuit, 0.3mA short-circuit
Voltage to 2,000 mV
Diode-test accuracy
± 1 % of reading ± 2 digits (1)
Frequency Response
(Measurements and Analogue Output)
AC only True RMS V & A
15Hz to 1kHz (3,4)
DC True RMS A
DC + 15Hz to 1KHz (3,4)
DC V and A
DC only
Display
Size and type
4000-count LCD
12mm / 0.5-inch characters
Status indication
Low Battery, Data Hold,Pk
(MAX Hold), AC, DC,
Diode Test,
Ω, )))) (Continuity)
Refresh rate
3 times per second
Power Supply
Battery type
9 V Alkaline: MN1604, PP3
IEC 6LR61 or equivalent
Battery life
Typically 40 hours
Mechanical Data:
Dimensions (H x W x D):
251 x 98 x 52 mm
9.88 x 3.86 x 2.05 inches
Weight:
500gm / 1.1 lbs
Jaw Capacity:
1 x 50 mm/ 2.0-inch
∅ cables or
2 x 30mm/ 1.2-inch
∅ cables
Jaw Opening
55mm/ 2.2 inches
Environmental Data:
Operating Temperature:
0
oC to 50 oC (32 oF to 122 oF)
Temperature Coefficient
± 0.1% of reading per °C
(Current)
± 0.06% of reading per °F
Storage Temperature:
-20
o to 60o (-4 oF to 140 oF)
Safety:
All models comply with IEC1010-1, 600V working,
Installation category III, Pollution degree 2.
Maximum Safe Voltages:
Current measurement
600V AC RMS or DC between
(bare conductors)
uninsulated conductor & ground
Voltage measurement
600V AC RMS or DC between
input terminals or between live
terminal & local ground.
LEM
LEM offers a comprehensive range of electrical test products to
ensure the safe and efficient operation of electrical equipment
and installations. Other products from the LEM group includes
systems and analysers for power quality and power quality
monitoring
and
transducers
for
current
and
voltage
measurement. LEM provides complete measurement solutions
in current, voltage and power quality.
Notes:
1.
All accuracies stated at 23°C
± 1°C (73.4 ± 1.8°F)
2.
Analogue output is form plug-in adaptor with
standard BNC output socket
3.
At stated accuracy, extend to 5kHz for 3dB point
4.
True RMS measurements taken over 100ms



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com