Electronic Components Datasheet Search
  English  ▼

X  

SSX Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # SSX
Description  Box Cover Units for Plug Fuses
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

SSX Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  SSX Datasheet HTML 1Page - Cooper Bussmann, Inc. SSX Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Circuit Protection
137
For additional information, visit www.edisonfuse.com
Box Cover Units
For Plug Fuses
Plug fuse box cover units provide a simple, inexpensive way
to protect small motors with Edison-type “T”, “TL”, “TC”, “P”
and “W” plug fuses. Box cover units are easily installed in
standard electrical boxes. By using fuses sized at the amp
rating of a motor or slightly larger, optimum overload and
short-circuit protection is provided. Box cover units are UL
Listed.
Fuse Holder
On/Off Switch
Receptacle
Switch Light
SSY-RL
Selection Data — Plug Fuse Box Cover Units
Receptacle
Motor
Agency†
Box Cover
Fuseholder
Outlet to Load
Switch
Switch
Size
Listing/
Cat. No.
Type Box
Single
Double
125Vac
250Vac
Control+ Light++
(Max.)
General Data
Certification
SOU
X
3
⁄4 Hp
125V, 15A
UL, CSA
SRU
2 1⁄4" Handy
X
X
1
⁄2 Hp
125V, 15A
UL
SSU
XX
1
⁄2 Hp
125Vac (do not use on DC), 15A
UL, CSA
SOW
X
3
⁄4 Hp
125V, 15A
UL, CSA
SRW
2 3⁄4" Switch
X
X
1
⁄2 Hp
125V, 15A
UL
SSW
XX
1
⁄2 Hp
125Vac (do not use on DC), 15A
UL, CSA
SOX
X
3
⁄4 Hp
125V, 15A
UL, CSA
SRX
4" Octagon
X
X
1
⁄2 Hp
125V, 15A
UL
SSX
XX
1
⁄2 Hp
125Vac (do not use on DC), 15A
UL, CSA
SOY
X
3
⁄4 Hp
125V, 15A
UL, CSA
SRY
XX
1
⁄2 Hp
125V, 15A
UL
SSY
XX
1
⁄2 Hp
125Vac (do not use on DC), 15A
UL, CSA
SSY-RL
4" Square
X
X
X
X
1
⁄2 Hp
125Vac (do not use on DC), 15A
—
STY*
XX*
1
⁄2 Hp*
125Vac (do not use on DC)*, 15A
UL
SCY**
X
X(2)**
1⁄2 Hp(2)**
125Vac (do not use on DC);
UL
can protect two motors**, 15A
SOY-B
X
3
⁄4 Hp
125V, protects two motors, 15A
UL
SKA
4 11⁄16" Square
X
X(15A)
2 Hp
250V, 15A single-phase
UL
SSN
Single Gang
X
X
1
⁄2 Hp
125V, 15A Weatherproof
UL
+
Switch turns power to fused load OFF or ON.
++ Switch light indicates power to load (dark when switch OFF or fuse open).
*
Double-pole switch opens both sides of circuit. STY can be used for two separate 125V motors not larger than 1⁄2 Hp with the common switch, or a single motor not
larger than 2 Hp at 250V (Maximum of 150V to ground).
** The SCY unit can be used for protection of a single motor not larger than 2Hp at 250V (Maximum of 150V to ground).
†
UL Guide JAMZ, File E6491; CSA Class 6225-01, File 47235.
Box Cover Units
for Plug Fuses


Similar Part No. - SSX

ManufacturerPart #DatasheetDescription
logo
Coolgear Inc.
SSX-35SB COOLGEAR-SSX-35SB Datasheet
341Kb / 2P
SATA Docking Station with USB 2.0
logo
List of Unclassifed Man...
SSX-52 ETC2-SSX-52 Datasheet
341Kb / 2P
DURABLE SIREN/SIREN STROBE
SSX-52S ETC2-SSX-52S Datasheet
341Kb / 2P
DURABLE SIREN/SIREN STROBE
SSX-52SA ETC2-SSX-52SA Datasheet
341Kb / 2P
DURABLE SIREN/SIREN STROBE
SSX-52SB ETC2-SSX-52SB Datasheet
341Kb / 2P
DURABLE SIREN/SIREN STROBE
More results

Similar Description - SSX

ManufacturerPart #DatasheetDescription
logo
Littelfuse
282 LITTELFUSE-282 Datasheet
90Kb / 1P
Fuseholders - For MicroTM Fuse Plug-In Fuses
LSOU LITTELFUSE-LSOU Datasheet
889Kb / 2P
Box Cover Units
logo
Pomona Electronics
2103 POMONA-2103 Datasheet
22Kb / 1P
Phenolic Box With Cover
2104 POMONA-2104 Datasheet
22Kb / 1P
Phenolic Box With Cover
2105 POMONA-2105 Datasheet
22Kb / 1P
Phenolic Box With Cover
2397 POMONA-2397 Datasheet
23Kb / 1P
Size A Aluminum Box With Cover
2400 POMONA-2400 Datasheet
21Kb / 1P
Size A Aluminum Box With Cover
2901 POMONA-2901 Datasheet
82Kb / 1P
Size C Aluminum Box With Cover
3754 POMONA-3754 Datasheet
21Kb / 1P
Miniature Size Aluminum Box With Cover
logo
Littelfuse
LSOU LITTELFUSE-LSOU_V01 Datasheet
119Kb / 1P
BOX COVER UNITS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com