Electronic Components Datasheet Search
  English  ▼

X  

TPC-20 Datasheet(PDF) 4 Page - Cooper Bussmann, Inc.

Part # TPC-20
Description  Telpower Compact Fused Disconnect Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

TPC-20 Datasheet(HTML) 4 Page - Cooper Bussmann, Inc.

  TPC-20 Datasheet HTML 1Page - Cooper Bussmann, Inc. TPC-20 Datasheet HTML 2Page - Cooper Bussmann, Inc. TPC-20 Datasheet HTML 3Page - Cooper Bussmann, Inc. TPC-20 Datasheet HTML 4Page - Cooper Bussmann, Inc. TPC-20 Datasheet HTML 5Page - Cooper Bussmann, Inc. TPC-20 Datasheet HTML 6Page - Cooper Bussmann, Inc. TPC-20 Datasheet HTML 7Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Bussmann
®
Telpower® Compact Fused Disconnect Switch
TPC & TPCDS
Telpower® DC Power Protection Systems
Form No. TPC & TPCDS
Page 4 of 7
Data Sheet: 5023
Look for Telpower® BLUE™ fuses exclusively from Cooper Bussmann.
3-26-03
SB03069
TPCDS-D Terminal Styles
DIN Rail Fused Disconnect Switch
Alarm Schematic
NOTES:
1. The Electronic Monitoring Circuit (EMC) is a high input
impedance device that will provide alarming for an
open-fuse condition.
2. Typical leakage current through the load when the EMC
is operational
≤ 2 mA.
3. The resistance, R, must be provided by the end-user to
limit the alarm output current to a maximum of 20 mA.
The value, R, should be calculated using the system
voltage value.
• If remote alarm functionality is not required, the
END-USER CIRCUITRY must still be supplied to
provide a resistive path to the return for the local
alarm to properly function.
4. The fuse is polarized to maintain proper orientation with
the switch housing. The line and load terminals are
identified on the switch housing.
5.
Electrical integrity of the load must be maintained after
fuse has opened in order for the local and remote alarm
to properly function.
Line: Screw Clamp
Load: Screw Clamp
Line: Stud*
Load: Screw
Clamp
Line: Bullet*
Load: Screw
Clamp
*Note: TPCDS-D Bullet / Screw Clamp and Stud / Screw Clamp terminal styles are not intended for 35 mm
DIN-RAIL mounting and will require auxiliary mechanical securement (not provided) for mounting.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com