Electronic Components Datasheet Search
  English  ▼

X  

RG82845E Datasheet(PDF) 2 Page - Intel Corporation

Part # RG82845E
Description  Intel 845E Chipset for Applied Computing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

RG82845E Datasheet(HTML) 2 Page - Intel Corporation

  RG82845E Datasheet HTML 1Page - Intel Corporation RG82845E Datasheet HTML 2Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Intel
® 845E Chipset Linecard
Order Number: 251335-001 0602/OC/EW/EW/PP/2.5K
Intel Access
Developer’s Site
developer.intel.com
Embedded Intel
® Architecture Chipsets
developer.intel.com/design/chipsets/embedded
Other Intel Support:
developer.intel.com/design/litcentr
Intel Literature Center
(800) 548-4725 7 a.m. to 7 p.m. CST (U.S. and Canada)
International locations please contact your local sales office.
General Information Hotline
(800) 628-8686 or (916) 356-3104 5 a.m. to 5 p.m. PST
© Intel Corporation 2002
For more information, visit the Intel Web site at: developer.intel.com
UNITED STATES AND CANADA
Intel Corporation
Robert Noyce Bldg.
2200 Mission College Blvd.
P.O. Box 58119
Santa Clara, CA 95052-8119
USA
EUROPE
Intel Corporation (UK) Ltd.
Pipers Way
Swindon
Wiltshire SN3 1RJ
UK
ASIA-PACIFIC
Intel Semiconductor Ltd.
32/F Two Pacific Place
88 Queensway, Central
Hong Kong, SAR
JAPAN
Intel Kabushiki Kaisha
P.O. Box 115 Tsukuba-gakuen
5-6 Tokodai, Tsukuba-shi
Ibaraki-ken 305
Japan
SOUTH AMERICA
Intel Semicondutores do Brazil
Rue Florida, 1703-2 and CJ22
CEP 04565-001 Sao Paulo-SP
Brazil
Information in this document is provided in connection with Intel products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted
by this document. Except as provided in Intel’s Terms and Conditions of Sale for such products, Intel assumes no liability whatsoever, and Intel disclaims any express or implied
warranty, relating to sale and/or use of Intel products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent,
copyright or other intellectual property right. Intel products are not intended for use in medical, life saving, or life sustaining applications. Intel may make changes to specifications
and product descriptions at any time, without notice.
Designers must not rely on the absence or characteristics of any features or instructions marked “reserved” or “unrefined.” Intel reserves these for future definition and shall
have no responsibility whatsoever for conflicts or incompatibilities arising from future changes to them.
Intel, the Intel logo, Pentium, NetBurst and SingleDriver are trademarks or registered trademarks of Intel Corporation or its subsidiaries in the United States or other countries.
Product
Product Code
Package
Features
82845E Memory Controller Hub (MCH)
RG82845E
593 FC-BGA
400MHz or 533MHz System Bus
DDR200/266 Memory
AGP4X interface enables over 1GB/s
of graphics bandwidth
I/O Control Hub 4
FW82801DB
421 mBGA
Direct connection to MCH with Intel’s
accelerated hub architecture
Supports 32-bit PCI
IDE controllers with ATA 100
Six USB ports with USB 2.0 support
AC ’97 controller with 20-bit audio support
Integrated LAN connect interface
ICH2
ICH2
MCH
MCH
+
+
+
+
+
+
+
+
PCI Slots
DDR 266/
>1GB/s
133MB/s
ICH4
+
+
+
+
6 USB 2.0 ports
LAN
Connection
Interface
ATA 100MB/s
(dual IDE Channels)
6 channel
audio
Intel® Hub
Architecture
2.1GB/s
DDR 200
400/533MHz
System
Bus
PentiumÆ 4
PentiumÆ 4
Processor
Intel®
Pentium® 4
MCH
+
+
+
+
Brookdale_New.qxd
6/18/02
12:04 PM
Page 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com