Electronic Components Datasheet Search
  English  ▼

X  

2SC4081 Datasheet(PDF) 1 Page - Rohm

Part # 2SC4081
Description  General purpose transistor (50V, 0.15A)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SC4081 Datasheet(HTML) 1 Page - Rohm

  2SC4081 Datasheet HTML 1Page - Rohm 2SC4081 Datasheet HTML 2Page - Rohm 2SC4081 Datasheet HTML 3Page - Rohm 2SC4081 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1/3
www.rohm.com
○
c
2012 ROHM Co., Ltd. All rights reserved.
2012.01 - Rev.D
ROHM : VMT3
2SC5658
* Denotes hFE
2SC2412K
2SC4617
ROHM :
EMT3
EIAJ : SC-75A
JEDEC : SOT-416
Abbreviated symbol: B*
ROHM : UMT3
EIAJ : SC-70
JEDEC : SOT-323
2SC4081
Abbreviated symbol: B*
Abbreviated symbol: B*
(1) Base
(2) Emitter
(3) Collector
ROHM : SMT3
EIAJ : SC-59
JEDEC : SOT-346
Abbreviated symbol: B*
(1) Emitter
(2) Base
(3) Collector
Each lead has same dimensions
0.3Min.
2.8
1.6
(1) Emitter
(2) Base
(3) Collector
Each lead has same dimensions
1.25
2.1
0.1Min.
(1) Emitter
(2) Base
(3) Collector
0.1Min.
1.6
0.8
(2)
(3)
(1)
(3)
1.2
0.8
0.2
0.15Max.
0.2
(2)
(1)
General purpose transistor (50V, 0.15A)
2SC2412K / 2SC4081 / 2SC4617 / 2SC5658
Features
Dimensions (Unit : mm)
1. Low Cob. Cob=2.0pF (Typ.)Cob=2.0pF (Typ.)
2. Complements the 2SA1037AK / 2SA1576A /
2SA1774H / 2SA2029.
Structure
Epitaxial planar type
NPN silicon transistor
Absolute maximum (Ta=25
C)
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Collector power
dissipation
Junction temperature
Storage temperature
Parameter
VCBO
VCEO
VEBO
PC
Tj
Tstg
60
V
V
V
A
W
°C
°C
50
7
0.15
IC
0.2
0.15
2SC2412K, 2SC4081
2SC4617, 2SC5658
150
−55 to +150
Symbol
Limits
Unit
Electrical characteristics (Ta=25
C)
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
DC current transfer ratio
Collector-emitter saturation voltage
Output capacitance
Parameter
Symbol
BVCBO
BVCEO
BVEBO
ICBO
IEBO
hFE
VCE(sat)
fT
Cob
Min.
60
50
7
−
−
120
−
−
−
−
−
−
−
−
−
−
180
2
−
−
−
0.1
0.1
390
0.4
−
3.5
VIC=50
μA
IC=1mA
IE=50
μA
VCB=60V
VEB=7V
VCE=6V, IC=1mA
IC/IB=50mA/5mA
VCE=12V, IE=
−2mA, f=100MHz
VCE=12V, IE=0A, f=1MHz
V
V
μA
μA
−
V
MHz
pF
Typ.
Max.
Unit
Conditions
Transition frequency


Similar Part No. - 2SC4081

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC4081 ROHM-2SC4081 Datasheet
77Kb / 3P
2SC4097 / 2SC1741S
2SC4081 ROHM-2SC4081 Datasheet
89Kb / 4P
General purpose transistor (50V, 0.15A)
2SC4081 ROHM-2SC4081 Datasheet
120Kb / 4P
General purpose transistor(50V, 0.15A)
logo
Guangdong Kexin Industr...
2SC4081 KEXIN-2SC4081 Datasheet
46Kb / 1P
General Purpose Transistor
logo
Weitron Technology
2SC4081 WEITRON-2SC4081 Datasheet
713Kb / 3P
General Purpose Transistor NPN Silicon
More results

Similar Description - 2SC4081

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD2707 ROHM-2SD2707 Datasheet
87Kb / 4P
General Purpose Transistor (50V, 0.15A)
2SC2412K ROHM-2SC2412K_1 Datasheet
89Kb / 4P
General purpose transistor (50V, 0.15A)
2SC2412K ROHM-2SC2412K_07 Datasheet
120Kb / 4P
General purpose transistor(50V, 0.15A)
2SC2412KT146R ROHM-2SC2412KT146R Datasheet
109Kb / 4P
General purpose transistor (50V, 0.15A)
logo
Littelfuse
2SC2412KT146Q LITTELFUSE-2SC2412KT146Q Datasheet
109Kb / 4P
General purpose transistor (50V, 0.15A)
2SC4617TLR LITTELFUSE-2SC4617TLR Datasheet
109Kb / 4P
General purpose transistor (50V, 0.15A)
2SC5658T2LR LITTELFUSE-2SC5658T2LR Datasheet
109Kb / 4P
General purpose transistor (50V, 0.15A)
logo
Renesas Technology Corp
2SC5658T2LR RENESAS-2SC5658T2LR Datasheet
110Kb / 5P
General purpose transistor (50V, 0.15A)
logo
Rohm
2SC4081T106Q ROHM-2SC4081T106Q Datasheet
109Kb / 4P
General purpose transistor (50V, 0.15A)
2SC4081T106S ROHM-2SC4081T106S Datasheet
109Kb / 4P
General purpose transistor (50V, 0.15A)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com