Electronic Components Datasheet Search
  English  ▼

X  

P4SMA27 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # P4SMA27
Description  400 Watts Suface Mount Transient Voltage Suppressor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

P4SMA27 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  P4SMA27 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd P4SMA27 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd P4SMA27 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd P4SMA27 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd P4SMA27 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd P4SMA27 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Test
Stand-Off
Maximum
Maximum
Maximum
Maximum
Current
Voltage
Reverse Leakage Peak Pulse Clamping Voltage Temperature
IT
VWM
@ VWM
Current IPPM
@ IPPM
Coefficient
Min
Max
(mA)
(V)
ID (uA)
(A) (Note 2)
Vc(V)
of VBR(%/℃)
P4SMA6.8
ADJ
6.12
7.48
10
5.50
1000
38.0
10.8
0.057
P4SMA6.8A
AEJ
6.46
7.14
10
5.80
1000
40.0
10.5
0.057
P4SMA7.5
AFJ
6.75
8.25
10
6.05
500
35.0
11.7
0.061
P4SMA7.5A
AGJ
7.13
7.88
10
6.40
500
37.0
11.3
0.061
P4SMA8.2
AHJ
7.38
9.02
10
6.63
200
33.0
12.5
0.065
P4SMA8.2A
AKJ
7.79
8.61
10
7.02
200
34.0
12.1
0.065
P4SMA9.1
ALJ
8.19
10.00
1.0
7.37
50
30.0
13.8
0.068
P4SMA9.1A
AMJ
8.65
9.55
1.0
7.78
50
31.0
13.4
0.068
P4SMA10
ANJ
9.00
11.00
1.0
8.10
10
28.0
15.0
0.073
P4SMA10A
APJ
9.50
10.5
1.0
8.55
10
29.0
14.5
0.073
P4SMA11
AQJ
9.90
12.1
1.0
8.92
1
26.0
16.2
0.075
P4SMA11A
ARJ
10.5
11.6
1.0
9.40
1
27.0
15.6
0.075
P4SMA12
ASJ
10.8
13.2
1.0
9.72
1
24.0
17.3
0.078
P4SMA12A
ATJ
11.4
12.6
1.0
10.2
1
25.0
16.7
0.078
P4SMA13
AUJ
11.7
14.3
1.0
10.5
1
22.0
19.0
0.081
P4SMA13A
AVJ
12.4
13.7
1.0
11.1
1
23.0
18.2
0.081
P4SMA15
AWJ
13.5
16.5
1.0
12.1
1
19.0
22.0
0.084
P4SMA15A
AXJ
14.3
15.8
1.0
12.8
1
20.0
21.2
0.084
P4SMA16
AYJ
14.4
17.6
1.0
12.9
1
17.8
23.5
0.086
P4SMA16A
AZJ
15.2
16.8
1.0
13.6
1
18.6
22.5
0.086
P4SMA18
BDJ
16.2
19.8
1.0
14.5
1
16.0
26.5
0.088
P4SMA18A
BEJ
17.1
18.9
1.0
15.3
1
16.5
25.5
0.088
P4SMA20
BFJ
18.0
22.0
1.0
16.2
1
14.0
29.1
0.090
P4SMA20A
BGJ
19.0
21.0
1.0
17.1
1
15.0
27.7
0.090
P4SMA22
BHJ
19.8
24.2
1.0
17.8
1
13.0
31.9
0.092
P4SMA22A
BKJ
20.9
23.1
1.0
18.8
1
13.7
30.6
0.092
P4SMA24
BLJ
21.6
26.4
1.0
19.4
1
12.0
34.7
0.094
P4SMA24A
BMJ
22.8
25.2
1.0
20.5
1
12.6
33.2
0.094
P4SMA27
BNJ
24.3
29.7
1.0
21.8
1
10.7
39.1
0.096
P4SMA27A
BPJ
25.7
28.4
1.0
23.1
1
11.0
37.5
0.096
P4SMA30
BQJ
27.0
33.0
1.0
24.3
1
9.6
43.5
0.097
P4SMA30A
BRJ
28.5
31.5
1.0
25.6
1
10.0
41.4
0.097
P4SMA33
BSJ
29.7
36.3
1.0
26.8
1
8.8
47.7
0.098
P4SMA33A
BTJ
31.4
34.7
1.0
28.2
1
9.0
45.7
0.098
P4SMA36
BUJ
32.4
39.6
1.0
29.1
1
8.0
52.0
0.099
P4SMA36A
BVJ
34.2
37.8
1.0
30.8
1
8.4
49.9
0.099
P4SMA39
BWJ
35.1
42.9
1.0
31.6
1
7.4
56.4
0.100
P4SMA39A
BXJ
37.1
41.0
1.0
33.3
1
7.7
53.9
0.100
P4SMA43
BYJ
38.7
47.3
1.0
34.8
1
6.7
61.9
0.101
P4SMA43A
BZJ
40.9
45.2
1.0
36.8
1
7.0
59.3
0.101
P4SMA47
CDJ
42.3
51.7
1.0
38.1
1
6.2
67.8
0.101
P4SMA47A
CEJ
44.7
49.4
1.0
40.2
1
6.4
64.8
0.101
P4SMA51
CFJ
45.9
56.1
1.0
41.3
1
5.7
73.5
0.102
P4SMA51A
CGJ
48.5
53.6
1.0
43.6
1
6.0
70.1
0.102
P4SMA56
CHJ
50.4
61.6
1.0
45.4
1
5.2
80.5
0.103
P4SMA56A
CKJ
53.2
58.8
1.0
47.8
1
5.4
77.0
0.103
P4SMA62
CLJ
55.8
68.2
1.0
50.2
1
4.7
89.0
0.104
P4SMA62A
CMJ
58.9
65.1
1.0
53.0
1
5.0
85.0
0.104
P4SMA68
CNJ
61.2
74.8
1.0
55.1
1
4.2
98.0
0.104
P4SMA68A
CPJ
64.6
71.4
1.0
58.1
1
4.5
92.0
0.104
Version:I13
ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
Device
Marking
Code
Breakdown Voltage
VBR (V)
(Note 1)
Device



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com