Electronic Components Datasheet Search
  English  ▼

X  

P4SMA100 Datasheet(PDF) 6 Page - Taiwan Semiconductor Company, Ltd

Part # P4SMA100
Description  400 Watts Suface Mount Transient Voltage Suppressor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

P4SMA100 Datasheet(HTML) 6 Page - Taiwan Semiconductor Company, Ltd

  P4SMA100 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd P4SMA100 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd P4SMA100 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd P4SMA100 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd P4SMA100 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd P4SMA100 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Symbol
A
B
C
D
E
Min
Max
Min
Max
A
1.27
1.58
0.050
0.062
B
2.29
2.83
0.090
0.111
C
4.06
4.60
0.160
0.181
D
1.99
2.50
0.078
0.098
E
0.90
1.41
0.035
0.056
F
0.15
0.31
0.006
0.012
G
0.10
0.20
0.004
0.008
H
4.95
5.33
0.195
0.210
P/N =
Specific Device Code
G =
Green Compound
YW =
Date Code
Marking Diagram
3.92
2.41
4.43
Suggested PAD Layout
Unit(mm)
1.78
1.51
Package Outline Dimensions
DIM.
Unit(mm)
Unit(inch)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com