Electronic Components Datasheet Search
  English  ▼

X  

SA45 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SA45
Description  500 Watts Transient Voltage Suppressor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SA45 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SA45 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SA45 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SA45 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SA45 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd SA45 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd SA45 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd SA45 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
CREAT BY ART
Excellent clamping capability
Low Dynamic impedance
Typical IR less than 1uA above 10V
SA5.0
DO-15
1.5K / AMMO box
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Symbol
Units
PPK
Watts
TJ, TSTG
℃
Version:G13
Ordering Information (example)
Part No.
Package
Packing
INNER
TAPE
Packing code
Note:
1. Non-repetitive Current Pulse Per Fig. 3 and Derated above TA=25℃ Per Fig. 2.
2. Mounted on Copper Pad Area of 0.4 x 0.4" (10 x 10mm) Per Fig. 2.
3. 8.3ms Single Half Sine-wave or Equivalent Square Wave, Duty Cycle=4 Pulses Per Minute Maximum.
Devices for Bipolar Applications
1. For Bidrectional Use C or CA Suffix for Types SA5.0 through Types SA170.
2. Electrical Characterstics Apply in Both Directions.
Maximum Instantaneous Forward Voltage at 35 A for
Unidirectional Only
VF
3.5
Volts
Operating and Storage Temperature Range
-55 to +175
Steady State Power Dissipation at TL=75℃
Lead Lengths .375", 9.5mm (Note 2)
PD
3
Watts
Peak Forward Surge Current, 8.3ms Single Half
Sine-wave Superimposed on Rated Load
(JEDEC method) (Note 3)
IFSM
70
Amps
Polarity: Color band denotes cathode except bipolar
Weight: 0.354 grams
Parameter
Value
Peak Power Dissipation at TA=25℃, Tp=1ms (Note 1)
Minimum 500
Packing code
(Green)
52mm
A0G
A0
Fast response time: Typically less than 1.0ps from
0 volts to VBR for unidirectional and 5.0 ns
for bidirectional
High temperature soldering guaranteed:
260℃ / 10 seconds / .375",(9.5mm) lead length /
5lbs., (2.3kg) tension
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Mechanical Data
Case: Molded plastic
Lead: Pure tin plated lead free, solderable per
MIL-STD-202, Method 208
SA SERIES
500 Watts Transient Voltage Suppressor
DO-15
Features
Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
500W surge capability at 10 X 1000us
waveform


Similar Part No. - SA45

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SA45 PANJIT-SA45 Datasheet
169Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Won-Top Electronics
SA45 WTE-SA45 Datasheet
68Kb / 5P
500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Bytes
SA45 BYTES-SA45 Datasheet
313Kb / 4P
500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
Dc Components
SA45 DCCOM-SA45 Datasheet
792Kb / 4P
TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
SA45 EIC-SA45 Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SA45

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SM03 MCC-SM03 Datasheet
416Kb / 2P
Transient Voltage Suppressor 500 Watt
logo
Microsemi Corporation
TGL41-6.8 MICROSEMI-TGL41-6.8 Datasheet
189Kb / 4P
500 Watt Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
SA TSC-SA_1 Datasheet
645Kb / 5P
500 Watts Transient Voltage Suppressor Diodes
logo
Solid States Devices, I...
ST500A7.5 SSDI-ST500A7.5_1 Datasheet
147Kb / 2P
500 W Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
BZW06 TSC-BZW06_10 Datasheet
550Kb / 4P
600 Watts Transient Voltage Suppressor
P6KE TSC-P6KE_10 Datasheet
672Kb / 4P
600 Watts Transient Voltage Suppressor
SA TSC-SA_10 Datasheet
667Kb / 5P
500 Watts Transient Voltage Suppressor
P6KE TSC-P6KE_13 Datasheet
255Kb / 6P
600 Watts Transient Voltage Suppressor
logo
Pan Jit International I...
SA5.0_SERIES PANJIT-SA5.0_SERIES_14 Datasheet
131Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER 500 Watts
logo
SUNMATE electronic Co.,...
SAC5.0 SUNMATE-SAC5.0 Datasheet
157Kb / 2P
500 Watts Axial Leaded Low Capacitance Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com