Electronic Components Datasheet Search
  English  ▼

X  

ADP10 Datasheet(PDF) 1 Page - Tyco Electronics

Part # ADP10
Description  DIP Switches, Extended Actuator, Auto Insertable, Through Hole and Surface Mount
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADP10 Datasheet(HTML) 1 Page - Tyco Electronics

  ADP10 Datasheet HTML 1Page - Tyco Electronics ADP10 Datasheet HTML 2Page - Tyco Electronics ADP10 Datasheet HTML 3Page - Tyco Electronics ADP10 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
AD Series
A7
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
A
DIP Switches, Extended Actuator, Auto Insertable, Through Hole and
Surface Mount
.055
(1.40)
TYP.
1
On
2 3 4 5 6 7 8
L
.100
(2.54)
TYP.
.142
(3.61)
.040
(1.00)
.366
(9.30)
.031
(0.80)
TYP.
.300
(7.50)
.050
(1.30)
.055
(1.40)
0¡-8¡
.037
(0.94)
.024
(0.61)
.062
(1.57)
S Termination Shown
FEATURES:
• Available in PC or surface mount termination.
• High pressure wiping contact allows aqueous or solvent cleaning without
tape seal.
• Auto-insertable
• Tape Seal version available for vacuum pick-n-place
• Unique design can withstand vapor phase reflow or wave soldering
conditions.
• Gas tight contacts
• Shipped in the off position
ENVIRONMENTAL SPECIFICATIONS:
Operating Temperature ........-30°C to + 85°C
Storage Temperature ............-45°C to + 100°C
Solder Heat Resistance..........245°C ± 5°C with switch in “off” position 30
seconds when mounted on a .060” thick PCB
per MIL-STD202, Method 210
Cleaning......................................Aqueous solution or solvent
MATERIAL SPECIFICATIONS:
Base and Cover ......................PPS-UL94V-0, (Black)
Actuator..................................PA6T-UL94V-0, (White)
Fixed Contact/Terminal ........Copper alloy plate-solder/copper
Moving Contact ....................Copper alloy plate-gold/nickel
TYPICAL PERFORMANCE CHARACTERISTICS:
Contact Rating ......................0.4 VA @ 20 VDC max.
Max Rating Switching–100 Milliamp @ 24VDC
Min Rating Switching–1 Microamp @ 1 Millivolt
Max Rating Non Switching–1 Amp @ 5VDC
Initial Contact Resistance ......50 Milliohms max.
Insulation Resistance ............1,000 Megohms min. @ 100 VDC
Dielectric Strength ................500 VAC
Operating Force ....................Less than 800 grams
Actuator Travel ......................AD/R Series 1.30mm/.050” piano style 25°
Life Expectancy ....................1,000 Cycles
ADE
PC Term.
"S" Term.
"SA" Term.
No. of
Actuator
Dim.
Tyco
Alcoswitch
Tyco
Alcoswitch
Tyco
Alcoswitch
Positions
Style
L
Electronics
Electronics
Electronics
1437586-2
ADE02
1437586-4
ADE02S
1437586-5
ADE02SA
2
Slide
.278(7.06)
1437586-7
ADE03
1437586-8
ADE03S
—
ADE03SA
3
Slide
.378(9.60)
1-1437586-0
ADE04
1-1437586-2
ADE04S
1-1437586-3
ADE04SA
4
Slide
.478(12.14)
1-1437586-5
ADE05
1-1437586-7
ADE05S
—
ADE05SA
5
Slide
.578(14.68)
1-1437586-8
ADE06
2-1437586-0
ADE06S
2-1437586-1
ADE06SA
6
Slide
.678(17.22)
2-1437586-3
ADE07
2-1437586-5
ADE07S
—
ADE07SA
7
Slide
.778(19.76)
2-1437586-6
ADE08
2-1437586-8
ADE08S
2-1437586-9
ADE08SA
8
Slide
.878(22.30)
3-1437586-0
ADE09
—
ADE09S
—
ADE09SA
9
Slide
.978(24.84)
3-1437586-2
ADE10
3-1437586-7
ADE10S
—
ADE10SA
10
Slide
1.078(27.38)
3-1437586-8
ADE12
1571337-1
ADE12S
—
ADE12SA
12
Slide
1.278(32.51)
ADE08
See Page A9 for PC Pad Layout.
Extended Actuator
No Tape
Seal
Required
PC
S
SA


Similar Part No. - ADP10

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ADP10 MACOM-ADP10 Datasheet
171Kb / 4P
DIP Switches, Extended Actuator, Auto Insertable, Through Hole and Surface Mount
ADP1004 MACOM-ADP1004 Datasheet
301Kb / 2P
DIP SWITCH ASSEMBLY ADP/PA SERIES
logo
Analog Devices
ADP1031 AD-ADP1031 Datasheet
1Mb / 37P
Three-Channel, Isolated Micropower Management Unit
1/2019-Revision 0
ADP1031 AD-ADP1031 Datasheet
1Mb / 37P
Two-Channel, Isolated Micropower Management Unit with Seven Digital Isolators
1/2020-Revision 0
ADP1031 AD-ADP1031 Datasheet
2Mb / 75P
Single-Channel, 16-Bit, Current/Voltage Output DAC, Functional Safety Approved for Unipolar Current Output
Rev. 0
More results

Similar Description - ADP10

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1437586-0 MACOM-2-1437586-0 Datasheet
171Kb / 4P
DIP Switches, Extended Actuator, Auto Insertable, Through Hole and Surface Mount
2-1437586-3 MACOM-2-1437586-3 Datasheet
171Kb / 4P
DIP Switches, Extended Actuator, Auto Insertable, Through Hole and Surface Mount
2-1437586-5 MACOM-2-1437586-5 Datasheet
171Kb / 4P
DIP Switches, Extended Actuator, Auto Insertable, Through Hole and Surface Mount
2-1437586-8 MACOM-2-1437586-8 Datasheet
171Kb / 4P
DIP Switches, Extended Actuator, Auto Insertable, Through Hole and Surface Mount
2-1437586-9 MACOM-2-1437586-9 Datasheet
171Kb / 4P
DIP Switches, Extended Actuator, Auto Insertable, Through Hole and Surface Mount
2-1437587-0 MACOM-2-1437587-0 Datasheet
171Kb / 4P
DIP Switches, Extended Actuator, Auto Insertable, Through Hole and Surface Mount
2-1437587-3 MACOM-2-1437587-3 Datasheet
171Kb / 4P
DIP Switches, Extended Actuator, Auto Insertable, Through Hole and Surface Mount
2-1437587-4 MACOM-2-1437587-4 Datasheet
171Kb / 4P
DIP Switches, Extended Actuator, Auto Insertable, Through Hole and Surface Mount
2-1437587-5 MACOM-2-1437587-5 Datasheet
171Kb / 4P
DIP Switches, Extended Actuator, Auto Insertable, Through Hole and Surface Mount
2-1437587-8 MACOM-2-1437587-8 Datasheet
171Kb / 4P
DIP Switches, Extended Actuator, Auto Insertable, Through Hole and Surface Mount
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com