Electronic Components Datasheet Search
  English  ▼

X  

SR320 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SR320
Description  3.0AMPS Schottky Barrier Rectifiers High reliability
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SR320 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SR320 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SR320 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SR320 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SR320 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
Low power loss, High efficiency
High current capability, low VF
High reliability
High surge current capability
Guard-ring for transient protection
SR302
DO-201AD 500 / AMMO box
A0
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
SR
302
SR
303
SR
304
SR
305
SR
306
SR
309
SR
310
SR
315
SR
320
Units
VRRM
20
30
40
50
60
90
100 150 200
V
VRMS
14
21
28
35
42
63
70
105 140
V
VDC
20
30
40
50
60
90
100 150 200
V
IF(AV)
A
Cj
pF
TJ
OC
TSTG
OC
Maximum Instantaneous Forward Voltage (Note 1)
@ 3 A
VF
0.55
0.70
0.85
0.95
V
80
OC/W
0.1
For use in low voltage, high frequency inverter,
free wheeling, and polarity protection application
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Lead: Pure tin plated, lead free, solderable per
MIL-STD-202, Method 208 fuaranteed
High temperature soldering guaranteed: 260℃/10s
/.375", (9.5mm) lead lengths at 5 lbs, (2.3kg) tension
A
Maximum Average Forward Rectified Current
3
- 65 to + 125
- 65 to + 150
160
130
90
50
15
--
0.5
Version:G12
10
Typical Junction Capacitance (Note 2)
Note1: Pulse Test with PW=300u sec, 1% Duty cycle
Note2: Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
Operating Junction Temperature Range
Storage Temperature Range
- 65 to + 150
IR
DO-201AD
Maximum Recurrent Peak Reverse Voltage
Epoxy: UL 94V-0 rate flame retardant
Cases: DO-201AD Molded plastic
Epitaxial construction
Mechanical Data
Features
Ordering Information (example)
Part No.
Package
SR302 - SR320
3.0AMPS Schottky Barrier Rectifiers
Weight: 1.1 grams
Type Number
Maximum DC Reverse Current
@ TA=25 ℃
at Rated DC Blocking Voltage
@ TA=100 ℃
@ TA=125℃
Peak Forward Surge Current, 8.3 ms Single Half Sine-wave
Superimposed on Rated Load (JEDEC method)
IFSM
5
Maximum RMS Voltage
Maximum DC Blocking Voltage
0.5
-
2.0
Typical Thermal Resistance
RθJA
RθJC
mA
Packing
INNER
TAPE
Packing
code
52mm
Green Compound
Packing code
A0G


Similar Part No. - SR320

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SR320 WTE-SR320 Datasheet
47Kb / 3P
3.0A SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
SR320 RECTRON-SR320 Datasheet
230Kb / 2P
SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 60 Volts CURRENT 3.0 Amperes)
logo
Bytes
SR320 BYTES-SR320 Datasheet
153Kb / 2P
3.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Shanghai Lunsure Electr...
SR320 CHENYI-SR320 Datasheet
165Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Formosa MS
SR320 FORMOSA-SR320 Datasheet
33Kb / 2P
3.0 AMP SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SR320

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SK32A TSC-SK32A_13 Datasheet
266Kb / 4P
3.0AMPS Surface Mount Schottky Barrier Rectifiers
SSL32 TSC-SSL32_13 Datasheet
241Kb / 4P
3.0AMPS Surface Mount Schottky Barrier Rectifiers
logo
Chongqing Pingwei Enter...
S32BF CHONGQING-S32BF Datasheet
181Kb / 2P
3.0AMPS. SCHOTTKY BARRIER RECTIFIERS
SR340L CHONGQING-SR340L Datasheet
177Kb / 1P
3.0AMPS. SCHOTTKY BARRIER RECTIFIERS
SS32L CHONGQING-SS32L Datasheet
177Kb / 1P
3.0AMPS. SCHOTTKY BARRIER RECTIFIERS
1N5820 CHONGQING-1N5820 Datasheet
177Kb / 1P
3.0AMPS. SCHOTTKY BARRIER RECTIFIERS
MB340 CHONGQING-MB340 Datasheet
176Kb / 1P
3.0AMPS. SCHOTTKY BARRIER RECTIFIERS
SR320 CHONGQING-SR320 Datasheet
179Kb / 1P
3.0AMPS. SCHOTTKY BARRIER RECTIFIERS
SS32 CHONGQING-SS32 Datasheet
179Kb / 1P
3.0AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Yixinwei Techn...
SR320L YIXIN-SR320L Datasheet
238Kb / 1P
3.0AMPS. SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com