Electronic Components Datasheet Search
  English  ▼

X  

SMBJ30 Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # SMBJ30
Description  600 Watts Suface Mount Transient Voltage Suppressor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SMBJ30 Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  SMBJ30 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SMBJ30 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SMBJ30 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SMBJ30 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd SMBJ30 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd SMBJ30 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd SMBJ30 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Test
Current
Stand-Off
Voltage
Maximum
Reverse
Leakage
@ VWM
Maximum
Peak
Pulse
Current
Maximum
Clamping
Voltage
@ IPPM
IT
VWM
ID
IPPM
Vc
mA
V
uA
A
V
Min.
Max.
(Note 2)
SMBJ45
MU
50.0
61.1
1
45
1
7.8
80.3
SMBJ45A
MV
50.0
55.3
1
45
1
8.6
72.7
SMBJ48
MW
53.3
65.1
1
48
1
7.3
85.5
SMBJ48A
MX
53.3
58.9
1
48
1
8.1
77.4
SMBJ51
MY
56.7
69.3
1
51
1
6.9
91.1
SMBJ51A
MZ
56.7
62.7
1
51
1
7.6
82.4
SMBJ54
ND
60.0
73.3
1
54
1
6.5
96.3
SMBJ54A
NE
60.0
66.3
1
54
1
7.2
87.1
SMBJ58
NF
64.4
78.7
1
58
1
6.1
103
SMBJ58A
NG
64.4
71.2
1
58
1
6.7
93.6
SMBJ60
NH
66.7
81.5
1
60
1
5.8
107
SMBJ60A
NK
66.7
73.7
1
60
1
6.5
96.8
SMBJ64
NL
71.1
86.9
1
64
1
5.5
114
SMBJ64A
NM
71.1
78.6
1
64
1
6.1
103
SMBJ70
NN
77.8
95.1
1
70
1
5.0
125
SMBJ70A
NP
77.8
86
1
70
1
5.5
113
SMBJ75
NQ
83.3
102
1
75
1
4.7
134
SMBJ75A
NR
83.3
92.1
1
75
1
5.2
121
SMBJ78
NS
86.7
106
1
78
1
4.5
139
SMBJ78A
NT
86.7
95.8
1
78
1
5.0
126
SMBJ85
NU
94.4
115
1
85
1
4.1
151
SMBJ85A
NV
94.4
104
1
85
1
4.6
137
SMBJ90
NW
100
122
1
90
1
3.9
160
SMBJ90A
NX
100
111
1
90
1
4.3
146
SMBJ100
NY
111
136
1
100
1
3.5
179
SMBJ100A
NZ
111
123
1
100
1
3.8
162
SMBJ110
PD
122
149
1
110
1
3.2
196
SMBJ110A
PE
122
135
1
110
1
3.5
177
SMBJ120
PF
133
163
1
120
1
2.9
214
SMBJ120A
PG
133
147
1
120
1
3.2
193
SMBJ130
PH
144
176
1
130
1
2.7
231
SMBJ130A
PK
144
159
1
130
1
3.0
209
SMBJ150
PL
167
204
1
150
1
2.3
266
SMBJ150A
PM
167
185
1
150
1
2.5
243
SMBJ160
PN
178
218
1
160
1
2.2
287
SMBJ160A
PP
178
197
1
160
1
2.4
259
SMBJ170
PQ
189
231
1
170
1
2.0
304
SMBJ170A
PR
189
209
1
170
1
2.2
275
Notes:
1. VBR measure after IT applied for 300us, IT=square wave pulse or equivalent.
2. Surge current waveform per Figure. 3 and derate per Figure. 2.
3. All terms and symbols are consistent with ANSI/IEEE C62.35.
4. For bidirectional use C or CA suffix for types SMBJ5.0 through SMBJ170
5. For bipolar types having VWM of 10 volts(SMBJ8.0C) and under, the ID limit is doubled.
Version : I13
ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
Device
Device
Marking
Code
Breakdown
Voltage
(Note 1)
VBR
V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com