Electronic Components Datasheet Search
  English  ▼

X  

SR802 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SR802
Description  8.0AMPS. Schottky Barrier Rectifiers High reliability
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SR802 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SR802 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SR802 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SR802 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SR802 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
Low power loss, High efficiency.
High current capability, Low VF.
High reliability
High surge current capability.
Epitaxial construction.
Guard-ring for transient protection.
SR802
DO-201AD 500 / AMMO box
A0
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
SR
802
SR
803
SR
804
SR
805
SR
806
SR
809
SR
810
SR
815
Units
VRRM
20
30
40
50
60
90
100
150
V
VRMS
14
21
28
35
42
63
70
105
V
VDC
20
30
40
50
60
90
100
150
V
IF(AV)
A
Cj
pF
RθJA
OC/W
TJ
OC
TSTG
OC
Note2: Measured at 1 MHz and Applied Reverse Voltage of 4.0V D.C.
Version:F12
Operating Junction Temperature Range
- 65 to + 125
- 65 to + 150
Storage Temperature Range
- 65 to + 150
Note1: Pulse Test with PW=300 usec, 1% Duty cycle
5
Typical Junction Capacitance (Note 2)
500
270
165
Typical Thermal Resistance
40
V
Maximum DC Reverse Current
@ TA=25 ℃
at Rated DC Blocking Voltage
@ TA=100 ℃
@ TA=125℃
IR
0.5
0.1
mA
15
10
-
-
Maximum Instantaneous Forward Voltage (Note 1)
@ 8 A
VF
0.55
0.70
0.92
1.02
8
Peak Forward Surge Current, 8.3 ms Single Half Sine-wave
Superimposed on Rated Load (JEDEC method)
IFSM
150
A
Weight: 1.10 grams
Type Number
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
Mechanical Data
Cases: DO-201AD molded plastic
Epoxy: UL 94V-0 rate flame retardant
Lead: Pure tin plated, lead free, solderable per
MIL-STD-202, Method 208 guaranteed
Polarity: Color band denotes cathode
High temperature soldering guaranteed: 260℃/10 seconds
/.375", (9.5mm) lead lengths at 5 lbs, (2.3kg) tension
Ordering Information (example)
Part No.
Package
SR802 - SR815
8.0AMPS. Schottky Barrier Rectifiers
DO-201AD
Features
For use in low voltage, high frequency
inverter, free wheeling, and polarity
protection application
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Packing
INNER
TAPE
Packing
code
Green Compound
Packing code
52mm
A0G


Similar Part No. - SR802

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SR802 TSC-SR802 Datasheet
60Kb / 2P
8.0 AMPS. Schottky Barrier Rectifiers
SR802 TSC-SR802 Datasheet
163Kb / 2P
8.0 AMPS. Schottky Barrier Rectifiers
logo
Shanghai Lunsure Electr...
SR802 CHENYI-SR802 Datasheet
52Kb / 2P
8Amp schottky barrier rectifier 20-100 volts
logo
EIC discrete Semiconduc...
SR802 EIC-SR802 Datasheet
93Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODES
logo
Taiwan Semiconductor Co...
SR802 TSC-SR802 Datasheet
567Kb / 2P
8.0 AMPS. Schottky Barrier Rectifiers
More results

Similar Description - SR802

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SRAS820 TSC-SRAS820_11 Datasheet
137Kb / 2P
8.0AMPS. Surface Mount Schottky Barrier Rectifiers
SRA820 TSC-SRA820_11 Datasheet
219Kb / 2P
8.0AMPS. Schottky Barrier Rectifiers
SR102 TSC-SR102_13 Datasheet
258Kb / 4P
1.0AMP. Schottky Barrier Rectifiers High reliability
SR202 TSC-SR202_13 Datasheet
258Kb / 4P
2.0AMPS. Schottky Barrier Rectifiers High reliability
SR302 TSC-SR302_13 Datasheet
256Kb / 4P
3.0AMPS Schottky Barrier Rectifiers High reliability
SR502 TSC-SR502_13 Datasheet
262Kb / 4P
5.0AMPS. Schottky Barrier Rectifiers High reliability
SRA820 TSC-SRA820_13 Datasheet
246Kb / 3P
8.0AMPS. Schottky Barrier Rectifiers High reliabbility
SRAF820 TSC-SRAF820_13 Datasheet
246Kb / 3P
8.0AMPS. Isolated Schottky Barrier Rectifiers
SRAS820 TSC-SRAS820_13 Datasheet
257Kb / 4P
8.0AMPS. Surface Mount Schottky Barrier Rectifiers
logo
Chongqing Pingwei Enter...
PS860L CHONGQING-PS860L Datasheet
197Kb / 1P
8.0AMPS. SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com