Electronic Components Datasheet Search
  English  ▼

X  

SS24M Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SS24M
Description  2A/40V SMD Schottky Rectifier High efficiency
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SS24M Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SS24M Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SS24M Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NEWSLETTER 05- 2012
Taiwan Semiconductor Co., Ltd.
11F, No. 205, Sec. 3, Beishin Rd.,
Shindian District, New Taipei City, 231, Taiwan R.O.C.
Tel. +886 2 8913-1588
Fax +886 2 8913-1788
E-Mail: marketing@mail.ts.com.tw
New Release
New Release
New Release
New Release
Features:
•
Very low profile - typical height of 0.68mm
•
Ideal for automated placement
•
Low forward voltage drop. Low power loss.
•
High efficiency
•
Meet MSL level 1, per J-STD-020D, lead free maximum peak of 260℃
℃
℃
℃
•
Solder dip 265℃
℃
℃
℃ max. 10 s, per JESD 22-A111
•
Compliant to RoHS directive 2002/95/EC
and in accordance to WEEE 2002/96/EC
•
Halogen-free according to IEC 61249-2-21 definition
•
Qualified as per AEC-Q101
•
Green compound
Typical Application:
• For use in low voltage high frequency inverter, freewheeling, DC to DC converter, and polarity, protection applications
• Automotive, Consumer, Lighting & Telecom
SS24M – 2A/40V SMD Schottky Rectifier


Similar Part No. - SS24M

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
SS24M SYSTEMSENSOR-SS24M Datasheet
79Kb / 2P
Multi-Alert & Mini-Alert Sounders and Strobes
logo
Taiwan Semiconductor Co...
SS24M TSC-SS24M Datasheet
245Kb / 4P
Surface Mount Schottky Barrier
More results

Similar Description - SS24M

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D2S4M SHINDENGEN-D2S4M Datasheet
587Kb / 11P
Schottky Rectifiers (SBD) (40V 2A)
logo
Torex Semiconductor
XBS204S17 TOREX-XBS204S17 Datasheet
77Kb / 3P
Schottky Barrier Diode, 2A, 40V Type
XBS204S17R-G TOREX-XBS204S17R-G Datasheet
100Kb / 3P
Schottky Barrier Diode, 2A, 40V Type
XBS204S17 TOREX-XBS204S17_12 Datasheet
100Kb / 3P
Schottky Barrier Diode, 2A, 40V Type
XBS204S17-12 TOREX-XBS204S17-12 Datasheet
100Kb / 3P
Schottky Barrier Diode, 2A, 40V Type
logo
Taiwan Semiconductor Co...
SBS24 TSC-SBS24 Datasheet
222Kb / 4P
2A, 40V - 60V Schottky Bridge Rectifiers
logo
Frontier Electronics.
FM240-MH1-THRU-FM2200-MH1 FRONTIER-FM240-MH1-THRU-FM2200-MH1 Datasheet
609Kb / 3P
2A SMD SCHOTTKY BARRIER RECTIFIERS, 40V-200V
logo
SeCoS Halbleitertechnol...
SK240LFL SECOS-SK240LFL Datasheet
295Kb / 2P
40V, 2A Schottky Barrier Rectifiers
logo
Taiwan Semiconductor Co...
SK24A-T TSC-SK24A-T Datasheet
301Kb / 6P
2A, 40V - 100V Surface Mount Schottky Barrier Rectifier
logo
PFC Device Inc.
P2V40A PFC-P2V40A Datasheet
693Kb / 5P
2A 40V MOS Schottky Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com