Electronic Components Datasheet Search
  English  ▼

X  

SSH210 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # SSH210
Description  2.0AMPS. Surface Mount Schottky Barrier Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SSH210 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  SSH210 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SSH210 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd SSH210 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd SSH210 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
For surface mounted application
Easy pick and place
Metal to silicon rectifier, majority carrier conduction
Low power loss, high efficiency
High current capability, low VF
High surge current capability
SSH210
SMB
850 / 7" REEL
R5
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
Unit
VRRM
V
VRMS
V
VDC
V
IF(AV)
A
uA
mA
Cj
pF
RθjL
OC/W
TJ
OC
TSTG
OC
SSH210
SMB
Features
Plastic material used carriers Underwriters
Laboratory Classigication 94V-0
Epitaxial construction
High temperature soldering guaranteed:
260℃/10s at terminals
Green compound with suffix "G" on packing
code & prefix "G" on datecode
Mechanical Data
Case: Molded plastic
Terminal: Pure tin plated, lead free
Polarity: Indicated by cathode band
Packaging: 12mm tape per EIA STD RS-481
Weight: 0.093 gram
Type Number
SSH210
Maximum Repetitive Peak Reverse Voltage
100
Green Compound
Packing code
R5G
Maximum RMS Voltage
70
Maximum DC Blocking Voltage
100
Maximum Average Forward Rectified Current
2.0
Peak Forward Surge Current, 8.3 ms Single Half Sine-wave
Superimposed on Rated Load (JEDEC method)
IFSM
50
A
Maximum Instantaneous Forward Voltage (Note 1)
IF=2 A
@ TA=25℃
IF=2 A
@ TA=125℃
VF
0.79
0.65
V
Maximum Reverse Current @ Rated VR TA=25 ℃
TA=125℃
IR
1
1
Typical Junction Capecitance (Note 2)
70
Typical Thermal Resistance
25
Operating Temperature Range
- 65 to + 175
Storage Temperature Range
- 65 to + 175
Note 1: Pulse Test with PW=300u sec, 1% Duty Cycle
Note 2: Measured at 1MHz and Applied Reverse Voltage of 4.0V D.C.
Version:B13
2.0AMPS. Surface Mount Schottky Barrier Rectifier
Meet MSL level 1, per J-STD-020D,
lead free maximum peak of 260℃
Ordering Information (example)
Part No.
Package
Packing
Packing
code


Similar Part No. - SSH210

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SSH210 TSC-SSH210 Datasheet
128Kb / 2P
2.0AMPS. Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Taychipst Elec...
SSH210 TAYCHIPST-SSH210 Datasheet
10Mb / 2P
Surface Mount Schottk Barrier Rectifier
logo
Taiwan Semiconductor Co...
SSH210 TSC-SSH210 Datasheet
203Kb / 4P
Surface Mount Schottky Barrier Rectifier
SSH210HR5 TSC-SSH210HR5 Datasheet
203Kb / 4P
Surface Mount Schottky Barrier Rectifier
SSH210 TSC-SSH210_14 Datasheet
203Kb / 4P
Surface Mount Schottky Barrier Rectifier
More results

Similar Description - SSH210

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SS22L TSC-SS22L_11 Datasheet
135Kb / 2P
2.0AMPS Surface Mount Schottky Barrier Rectifiers
SSH210 TSC-SSH210 Datasheet
128Kb / 2P
2.0AMPS. Surface Mount Schottky Barrier Rectifier
SK22A TSC-SK22A_11 Datasheet
192Kb / 2P
2.0AMPS. Surface Mount Schottky Barrier Rectifier
SS22M TSC-SS22M_12 Datasheet
212Kb / 2P
2.0AMPS. Surface Mount Schottky Barrier Rectifiers
SSL22 TSC-SSL22_11 Datasheet
208Kb / 2P
2.0AMPS. Surface Mount Low VF Schottky Barrier Rectifiers
SSL22 TSC-SSL22_13 Datasheet
253Kb / 4P
2.0AMPS. Surface Mount Low VF Schottky Barrier Rectifiers
logo
Chongqing Pingwei Enter...
SS24L CHONGQING-SS24L Datasheet
177Kb / 1P
2.0AMPS. SCHOTTKY BARRIER RECTIFIERS
SR220 CHONGQING-SR220 Datasheet
179Kb / 1P
2.0AMPS. SCHOTTKY BARRIER RECTIFIERS
SS22 CHONGQING-SS22 Datasheet
179Kb / 1P
2.0AMPS. SCHOTTKY BARRIER RECTIFIERS
ES2A CHONGQING-ES2A_16 Datasheet
177Kb / 1P
2.0AMPS. SUPER FAST SURFACE MOUNT RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com