Electronic Components Datasheet Search
  English  ▼

X  

TS432 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS432
Description  Adjustable Precision Shunt Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS432 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS432 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS432 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS432 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS432 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS432 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS432 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS432 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS432 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS432 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TS432
Adjustable Precision Shunt Regulator
2/12
Version: C07
Recommend Operating Condition
Parameter
Symbol
Limit
Unit
Cathode Voltage (Note 1)
Vka
16
V
Continuous Cathode Current Range
Ik
100
mA
Recommend Operating Condition
Parameter
Symbo
Test Conditions
Min
Typ
Max
Unit
TS432
1.215
1.264
TS432A
1.227
1.252
Reference voltage
TS432B
Vref
Vka =Vref, Ik=10mA (Figure 1)
Ta=25
oC
1.233
1.240
1.246
V
Deviation of reference input
voltage
∆Vref
Vka =Vref, Ik=10mA
Ta= full range (Figure 1)
--
10
25
mV
Radio of change in Vref to
change in cathode Voltage
∆Vref/∆Vka
Ika=10mA, Vka = 16V to Vref
(Figure 2)
--
-1.0
-2.7
mV/V
Reference Input current
Iref
R1=10KΩ, R2= ∞ , Ika=10mA
Ta= full range (Figure 2)
--
0.25
0.5
uA
Deviation of reference input
current, over temp.
∆Iref
R1=10KΩ, R2= ∞ , Ika=10mA
Ta= full range (Figure 2)
--
0.04
0.8
uA
Off-state Cathode Current
Ika(off)
Vref=0V (Figure 3),
Vka=16V
--
0.125
0.5
uA
Dynamic Output Impedance
|Zka|
f<1KHz, Vka=Vref
Ika=1mA to 100mA (Figure 1)
--
0.2
0.4
Ω
Minimum Operating Cathod
Current
Ika(min)
Vka=Vref (Figure 1)
--
20
80
uA
* The deviation parameters ∆Vref and ∆Iref are defined as difference between the maximum value and minimum value
obtained over the full operating ambient temperature range that applied.
* The average temperature coefficient of the
reference input voltage, αVref is defined as:
Where: T2-T1 = full temperature change.
αVref can be positive or negative depending on whether Vref Min. or Vref Max occurs at the lower ambient
temperature. Example: ∆Vref=7.2mV and the slope is postive, Vref=1.241V at 25
oC, ΔT=125oC
* The dynamic impedance ZKA is defined as:
* When the device operating with two external resistors, R1 and R2, (refer to Figure 2) the total dynamic impedance of
the circuit is given by:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com