Electronic Components Datasheet Search
  English  ▼

X  

TS1085CPRO Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS1085CPRO
Description  3A Low Dropout Positive Voltage Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1085CPRO Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS1085CPRO Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1085CPRO Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1085CPRO Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1085CPRO Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1085CPRO Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS1085CPRO Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS1085CPRO Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TS1085
3A Low Dropout Positive Voltage Regulator
1/7
Version: C12
TO-220
TO-263
(D
2PAK)
TO-252
(DPAK)
General Description
TS1085 are high performance positive voltage regulators are designed for use in applications requiring low
dropout performance at full rated current, Additionally, TS1085 provides excellent regulation over variations due to
changes in line, load and temperature. Outstanding features include low dropout performance at rated current,
fast transient response, internal current limiting and thermal shutdown protection of the output device. TS1085 are
three terminal regulators with adjustable voltage options available in popular packages.
Features
●
Low Dropout Performance 1.5V max.
●
Fill Current Rating Over Line and Temperature
●
Fast Transient Response
●
±2% Total Output Regulation Over Line, Load and
Temperature
●
Adjust Pin Current max 90uA Over Temperature
●
Line Regulation Typical 0.015%
●
Load Regulation Typical 0.05%
●
Adjustable Output Voltage
Ordering Information
Part No.
Package
Packing
TS1085CZ C0
TO-220
50pcs / Tube
TS1085CM RN
TO-263
800pcs / 13” Reel
TS1085CP RO
TO-252
2.5Kpcs / 13” Reel
Typical Application Circuit
VOUT = VREF(1+R2/R1) + Iadj R2
Adjustable Output Voltage Version
Block Diagram
Pin Definition:
1. Fixed / Adj
2. Output
3. Input
Pin 2 connect to heat sink


Similar Part No. - TS1085CPRO

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS1085CPRO TSC-TS1085CPRO Datasheet
275Kb / 8P
3A Low Dropout Positive Voltage Regulator
More results

Similar Description - TS1085CPRO

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME1085 AME-AME1085 Datasheet
103Kb / 14P
3A Low Dropout Positive Voltage Regulator
logo
Hi-Sincerity Mocroelect...
H1085U HSMC-H1085U Datasheet
57Kb / 5P
3A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS1085 TSC-TS1085 Datasheet
140Kb / 6P
3A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL1085-XXXE3 CYSTEKEC-PL1085-XXXE3 Datasheet
170Kb / 4P
3A Low Dropout Positive Voltage Regulator
PL1085-XXXF3 CYSTEKEC-PL1085-XXXF3 Datasheet
167Kb / 4P
3A Low Dropout Positive Voltage Regulator
PL1085-XXXJ3 CYSTEKEC-PL1085-XXXJ3 Datasheet
166Kb / 4P
3A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1085 TSC-TS1085_07 Datasheet
425Kb / 8P
3A Low Dropout Positive Voltage Regulator
TS1085 TSC-TS1085_09 Datasheet
275Kb / 8P
3A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL1085-XXXFP CYSTEKEC-PL1085-XXXFP Datasheet
297Kb / 5P
3A Low Dropout Positive Voltage Regulator
LM1085-XXXJ3 CYSTEKEC-LM1085-XXXJ3 Datasheet
329Kb / 9P
3A Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com