Electronic Components Datasheet Search
  English  ▼

X  

TS2025CSRLG Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS2025CSRLG
Description  0.5A Dual Channel USB High-Side Power Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2025CSRLG Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS2025CSRLG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2025CSRLG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2025CSRLG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2025CSRLG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2025CSRLG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2025CSRLG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS2025CSRLG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS2025CSRLG Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TS2025
0.5A Dual Channel USB High-Side Power Switch
2/8
Version: A11
Electrical Characteristics
(VIN=5V, CIN=COUT=1uF, TA=25°C, unless otherwise noted)
Characteristics
Symbol
Conditions
Min
Typ
Max Units
Input Voltage
VIN
2.7
--
6.5
V
Supply Current
IS
Switch On, Out=Open
--
80
160
uA
Switch Off, Out=Open
--
0.2
2
uA
Shutdown Supply Current
ISD
VIN=3.6V, VEN=0V
--
0.1
1
µA
Control Input Current
IIN-CTL
VCTL=Logic ”0”
--
0.01
0.1
uA
VCTL=Logic ”1”
--
0.01
0.1
uA
Current Limit Threshold
ILIMIT
0.6
1.0
1.25
A
Output MOSFET Resistance
RDS(ON)
--
90
--
m
Output Turn-On Rise Time
TON
RLOAD=10
each output
--
1000
2500
uS
Output Turn-Off Fall Time
TOFF
RLOAD=10
each output
--
0.7
20
uS
EN Input Threshold
VEN
low-to-high transition
--
--
1.8
V
High-to-low transition
0.6
--
--
Output Leakage Current
ILEAKAGE
EN=0, VOUT=0V
--
0.5
1
uA
Short Circuit Current Fold-back
IFOLDBACK
VOUT=0V
--
0.45
--
A
Over Temperature Shutdown
Threshold
OTP
TJ Increasing
--
150
--
°C
TJ Decreasing
--
120
--
°C
Under Voltage Lockout Threshold
UVLO
VIN Increasing
--
2.3
2.65
V
VIN Decreasing
--
2.1
--
Over Current Flag Response Delay
FLGDELAY
4
9
--
mS
FLG Output Resistance
RFLG
ISINK=1mA
--
20
--
FLG Off-State Current
IFLG-OFF
VFLG=5V
--
0.01
1
uA
Note: Specifications are production tested at TA=25. Specifications over the -40°C to 85°C operatin g temperature
range are assured by design. Characterization and correlation with statistical quality controls (SQC).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com