Electronic Components Datasheet Search
  English  ▼

X  

TS9013 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS9013
Description  500mA Low Quiescent Current CMOS LDO
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS9013 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS9013 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS9013 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS9013 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS9013 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS9013 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TS9013
500mA Low Quiescent Current CMOS LDO
2/5
Version: F11
Absolute Maximum Rating
Parameter
Symbol
Limit
Unit
Input Supply Voltage
VIN
12
V
Recommend Operating Input Voltage
VIN
10
V
Output Current
Io
500
mA
Power Dissipation (without heat sink)
SOT-89
PD
0.5
W
SOT-223
0.7
Operating Junction Temperature Range
Tj
-40 ~ +150
oC
Storage Temperature Range
TSTG
-65 ~ +150
oC
Lead Soldering Temperature (260
oC)
5
S
Notes: Stress above the listed absolute rating may cause permanent damage to the device.
Electrical Characteristics (Ta = 25
oC unless otherwise noted)
Parameter
Conditions
Min
Typ
Max
Unit
Output Voltage
VIN=Vo + 1V,
Io =1mA,
TS90135
4.90
5.0
5.10
V
TS9013S
3.23
3.3
3.36
TS9013K
2.45
2.5
2.55
TS9013D
1.76
1.8
1.83
VIN=Vo + 1V,
Io =1mA ~ 500mA
TS90135
4.85
5.0
5.10
V
TS9013S
3.20
3.3
3.36
TS9013K
2.42
2.5
2.55
TS9013D
1.74
1.8
1.83
Maximum Output Current
VIN=Vo+1V,
500
--
--
mA
Input Stability
VO+1V
≤ Vin ≤ V
O+2V, Io=1mA
--
0.2
0.3
%
Load Regulation (Note1)
VIN=Vo+1V,
1mA
≤ IL ≤ 500mA
TS90135
--
40
80
mV
TS9013S
VIN=Vo+1V,
1mA
≤ IL ≤ 500mA
TS9013K
--
40
90
TS9013D
Dropout Voltage (Note 2)
Io=300mA
TS90135
--
300
500
mV
TS9013S
Io=500mA
TS90135
--
500
600
TS9013S
Io=500mA
TS9013K
--
600
850
TS9013D
Quiescent Current
VIN=Vo+1V, Io=0A
--
15
25
uA
Output Current Limit
VOUT < 0.4V
550
--
--
mA
Power Supply Rejection
Ratio
At f=100KHz, Io=10mA
--
30
--
dB
Output Voltage Temperature
Coefficient (Note 3)
--
100
--
ppm/
oC
Notes:
a. Regulation is measured at constant junction temperature, using pulsed ON time.
b. Dropout is measured at constant junction temperature, using pulsed ON time, and the criterion is VOUT inside
target value +/-3%.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com