Electronic Components Datasheet Search
  English  ▼

X  

TS19375 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS19375
Description  PWM Step-Up Controller Oscillation frequency: 500kHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19375 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS19375 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19375 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19375 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19375 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19375 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19375 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19375 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS19375 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TS19375
PWM Step-Up Controller
2/8
Version: B11
Absolute Maximum Rating
Characteristics
Symbol
Rating
Unit
VCC Pin Voltage
VCC
VSS - 0.3 to VSS + 26
V
Feedback Pin Voltage
VFB
VSS - 0.3 to 12
V
EN Voltage
VEN
VSS - 0.3 to VCC
V
SENSE Voltage
VSENSE
VSS - 0.3 to VCC
V
SS Pin Voltage
VSS
VSS - 0.3 to VCC
V
Gate Pin Voltage
VGATE
VSS - 0.3 to VCC
V
Power Dissipation
PD
Internally limited
mW
Storage Temperature Range
TSTG
-40 to +150
ºC
Operating Junction Temperature Range
TOPJ
-20 to +125
ºC
Operating Supply Voltage
VOP
+3 to +24
V
Thermal Resistance from Junction to case
θ
JC
40
ºC/W
Thermal Resistance from Junction to ambient
θ
JA
120
ºC/W
Note: Stresses exceed those rating may damage the device
Electrical Specifications (TA=25
oC, V
IN=5V, VOUT=12V unless otherwise noted)
Characteristics
Symbol
Conditions
Min
Typ
Max Units
Feedback Voltage
VFB
IOUT=0.1A
0.975
1.000
1.025
V
Quiescent Current
ICCQ
VFB=1.5V force driver off
-
4
6
mA
Feedback Bias Current
IFB
IOUT=0.1A
-
0.1
0.5
uA
Shutdown Supply Current
ISD
VEN =0V
-
1
10
uA
Oscillation Frequency
FOSC
SW pin
400
500
600
KHz
Sense Voltage
VSENSE
0.05
0.06
0.07
V
Soft Start Current
ISS
VSS=0V
-
8
-
uA
EN Pin Logic input threshold voltage
VSH
High (regulator ON)
2.0
-
-
V
VSL
Low (regulator OFF)
-
-
0.8
EN Pin Input Current
ISH
VEN=2.5V (ON)
-
20
-
uA
ISL
VEN=0.3V (OFF)
-
-1
-
uA
LX Rise Time
TLXR
CLX=1000pF
-
60
-
nS
LX Fall Time
TLXF
CLX=1000pF
-
60
-
Efficiency
EFFI
VCC = 5V,
VOUT = 12V
IOUT = 1A
-
91
-
%
Maximum Duty Cycle
DCMAX
VFB=0V
-
85
-
%
Minimum Duty Cycle
DCMIN
VFB=1.5V
-
0
-
Thermal shutdown Temp
TSD
-
145
-
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com