Electronic Components Datasheet Search
  English  ▼

X  

TS19375CSRLG Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # TS19375CSRLG
Description  PWM Step-Up Controller Oscillation frequency: 500kHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19375CSRLG Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TS19375CSRLG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19375CSRLG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19375CSRLG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19375CSRLG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19375CSRLG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19375CSRLG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19375CSRLG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS19375CSRLG Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TS19375
PWM Step-Up Controller
5/8
Version: B11
Function Description (Continue)
Input Capacitor Selection
The input capacitor reduces the surge current drawn from the input and switching noise from the device. The input
capacitor impedance at the switching frequency shall be less than input source impedance to prevent high
frequency switching current passing to the input. A low ESR input capacitor sized for maximum RMS current must
be used.
The capacitor voltage rating should be at least 1.5 times greater than the input voltage, and often much higher
voltage ratings are needed to satisfy.
Output Capacitor Selection
The output capacitor is required to keep the output voltage ripple small and to ensure regulation loop stability. The
output capacitor must have low impedance at the switching frequency. A low ESR capacitor sized for maximum
RMS current must be used. The low ESR requirements needed for low output ripple voltage. The capacitor voltage
rating should be at least 1.5 times greater than the input voltage, and often much higher voltage ratings are needed
to satisfy.
The ESR range of output capacitor is 30m~100mΩ at switch current more than 1.5A. Add a 4.7uF output bypass
capacitor in order to reduce output ripple effectively



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com