Electronic Components Datasheet Search
  English  ▼

X  

RLS4150 Datasheet(PDF) 1 Page - Rohm

Part # RLS4150
Description  Switching diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RLS4150 Datasheet(HTML) 1 Page - Rohm

  RLS4150 Datasheet HTML 1Page - Rohm RLS4150 Datasheet HTML 2Page - Rohm RLS4150 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RLS4148 / RLS4150 / RLS4448
Diodes
Switching diode
RLS4148 / RLS4150 / RLS4448
∗This product is available only outside of Japan.
!
!
!
!Applications
High-speed switching
!
!
!
!Features
1) Small surface mounting type. (LLDS)
2) High speed.
3) For surface mounting.
4) High reliability.
!
!
!
!Construction
Silicon epitaxial planar
!
!
!
!External dimensions
(Units : mm)
−0.1
+0.2
φ1.5Max.
0.4
0.4
3.4
CATHODE BAND
EIAJ :
−
JEDEC : LL-34
ROHM : LLDS
!
!
!
!Absolute maximum ratings
(Ta = 25
°C)
RLS4148
RLS4150
RLS4448
VRM
(V)
100
50
100
VR
(V)
75
50
75
IFM
(mA)
450
600
450
IO
(mA)
150
200
150
IF
(mA)
200
250
200
IFSM
1
µs
(A)
2
4
2
P
(mW)
500
500
500
Tj
(
°C)
200
200
200
Topr
(
°C)
Tstg
(
°C)
Type
−65~+200
−65~+200
−65~+200
−65~+200
−65~+200
−65~+200
!
!
!
!Electrical characteristics
(Ta = 25
°C)
0.025
5.0
20
75
VF (V)
RLS4148
RLS4150
RLS4448
@
1mA
@
5mA
@
10mA
@
50mA
@
100mA
@
200mA
BV (V)Min.
@
5
µA
75
−
−
@
100
µA
100
50
100
IR (
µA)Max.
@25
°C
0.1
0.025
5.0
50
20
75
@150
°C
50.0
100.0
50.0
20
50
20
Cr (pF)
4
2.5
4
trr (ns)
VR=6V
IF=10mA
RL=100
Ω
4
4
4
Type
VR (V)
VR (V)
VR=0
f=1MHz
1.0
0.54
0.62
0.66
0.74
0.76
0.86
0.82
0.92
0.87
1.0
0.62
0.72
1.0
The upper figure is the minimum VF and the lower figure is the maximum VF value.


Similar Part No. - RLS4150

ManufacturerPart #DatasheetDescription
logo
Rohm
RLS4150 ROHM-RLS4150 Datasheet
59Kb / 2P
Switching diode
More results

Similar Description - RLS4150

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAS16HT1 ONSEMI-BAS16HT1_05 Datasheet
45Kb / 4P
Switching Diode
March, 2005 ??Rev. 4
logo
Microsemi Corporation
1N4531 MICROSEMI-1N4531 Datasheet
96Kb / 1P
SWITCHING DIODE
1N5196 MICROSEMI-1N5196 Datasheet
82Kb / 1P
SWITCHING DIODE
logo
TRANSYS Electronics Lim...
BAL99LT1 TEL-BAL99LT1 Datasheet
60Kb / 1P
SWITCHING DIODE
logo
ON Semiconductor
MMSD4148T1 ONSEMI-MMSD4148T1_07 Datasheet
75Kb / 4P
Switching Diode
September, 2007 - Rev. 9
logo
TAITRON Components Inco...
1N914 TAITRON-1N914 Datasheet
174Kb / 4P
Switching Diode
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com