Electronic Components Datasheet Search
  English  ▼

X  

TS19701A Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS19701A
Description  CC/CV Primary-Side PWM Controller Power on Soft-start
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19701A Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS19701A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19701A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19701A Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19701A Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19701A Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19701A Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19701A Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS19701A Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS19701A Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TS19701A
CC/CV Primary-Side PWM Controller
2/9
Version: A12
Electrical Specifications (Ta = 25
oC unless otherwise noted)
Characteristics
Symbol
Conditions
Min
Typ
Max
Units
Supply Voltage (VDD) Section
Standby Current
IDD ST
VDD=13V
--
5
20
uA
Operation Current
IDD OP
Operation supply current
INV=2V, CS=0V,
VDD=VDDG=18V
--
2
3
mA
VDD Under Voltage Lockout Enter
UVLO(ON)
VDD falling
8.2
9.0
10.5
V
VDD Under Voltage Lockout Exit
UVLO(OFF)
VDD rising
13.5
14.8
16.0
V
Maximum VDD operation voltage
VDDclamp
IDD=10mA
27
28.5
30
V
Over Voltage protection voltage
OVP
Ramp VDD until gate shut
down
26
27.5
29
V
Current Sense Input Section
LEB time
TLEB
--
625
--
Ns
Over current threshold
Vth_oc
880
910
940
mV
OCP Propagation delay
Td_oc
--
110
--
Ns
Input Impedance
ZSENSE_IN
50
--
--
KΩ
Soft start time
T_SS
--
17
--
ms
Frequency Section
IC Maximum frequency
Freq_Max
(Note)
55
60
65
KHZ
System Nominal switch frequency
Freq_Nom
--
50
--
KHZ
Freq_startup
INV=0V, Comp=5V
--
14
--
KHZ
Frequency shuffling range
∆f/Freq
--
+/-6
--
%
Error Amplifier section
Reference voltage for EA
Vref_EA
1.97
2
2.03
V
DC gain of EA
Gain
-
60
-
dB
Max. Cable compensation current
I_COMP_MA
X
INV=2V, Comp=0V
-
37.5
-
uA
Note: Freq_Max indicates IC internal maximum clock frequency. In system application, the maximum operation
frequency of 60Khz nominal occurs at maximum output power or the transition point from CV to CC



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com