Electronic Components Datasheet Search
  English  ▼

X  

GCS150 Datasheet(PDF) 1 Page - XP Power Limited

Part # GCS150
Description  Convection/Forcedcooled Ratings
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

GCS150 Datasheet(HTML) 1 Page - XP Power Limited

  GCS150 Datasheet HTML 1Page - XP Power Limited GCS150 Datasheet HTML 2Page - XP Power Limited GCS150 Datasheet HTML 3Page - XP Power Limited GCS150 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Specification
150/180 Watts
•
Convection/Forced cooled Ratings
•
IT & Medical Safey Approvals (Class I & II)
•
< 0.5W Standby Power
•
40° C to +70° C Operation
•
Remote On/Off (R Models)
•
Class B Emissions
•
3 Year Warranty
GCS Series
Input
Input Voltage
• 85-264 VAC, derate output power
<90 VAC by 10%
Input Frequency
• 47-63 Hz
Input Current
• 1.5/1.8 A typical at 115 VAC, full load
(150/180 W)
0.7/0.8 A typical at 230 VAC, full load
(150/180 W)
Inrush Current
• 80 A typical at 230 VAC, cold start at 25 °C
Power Factor
• EN61000-3-2, class A Compliant
(Class C > 50 W load)
Earth Leakage Current
• 200 µA max at 264 VAC/60 Hz
No Load Input Power
• <0.5 W
Input Protection
• Internal T3.15 A/250 V fuse in line
and neutral
Output
Output Voltage
• 12-48 VDC (see Models & Ratings table)
Output Voltage Trim
• ±2%, fan output will track by
same percentage
Initial Set Accuracy
• ±1% V1, ±5% V Fan
Minimum Load
• None
Start Up Delay
• 0.5 s max
Hold Up Time
• 18 ms typical
Drift
• ±0.2% after 20 min warm up
Line Regulation
• ±0.5% max
Load Regulation
• ±0.5% V1, ±5% V Fan
Over/Undershoot
• 12 - 28 V models none,
48 V models typically 5%
Transient Response
• 4% max. deviation, recovery to within
1% in 500 µs for a 50-75-50% load
change
Ripple & Noise
• 1% pk-pk V1, 12 V models 1.5%,
20 MHz bandwidth
Overvoltage Protection
• 115-140% Vnom, recycle input to reset
Overload Protection
• 110-150% V1 only
Short Circuit Protection
• Continuous
Temperature
• 0.05%/˚C
Coefficient
Remote Sense
• Compensates for 0.5 V total voltage drop
Remote On/Off
• Optional, -R models (see longform
datasheet for full details)
xppower.com
General
Efficiency
• 93% typical
Isolation
• 4000 VAC Input to Output 2 x MOPP,
1500 VAC Input to Ground 1 x MOPP,
500 VDC Output to Ground
Switching Frequency
• 65/100 KHz PFC/Main Converter
MTBF
• 569 kHrs to MIL-HDBK-217F at 25 °C, GB
Power Density
• 8.5 W/in3
Environmental
Operating Temperature
• -40 ˚C to +70 ˚C derate linearly from +50
°C at 2.5%/˚C to 50% load at +70 °C
Cooling
• Convection & Fan cooled ratings (see
Models & Ratings tables)
Operating Humidity
• 95% RH, non-condensing
Storage Temperature
• -40 °C to +85 °C
Operating Altitude
• 3048 m
Shock
• ±3 x 30g shocks in each plane, total 18
shocks. 30g = 11ms (+/-0.5msec), half
sine, conforms to EN60068-2-27 &
EN60068-2-47
Vibration
• Single axis 10 - 500 Hz at 2g sweep and
endurance at resonance in all 3 planes.
Conforms to EN60068-2-6
EMC & Safety
Low Voltage PSU EMC
• EN61204-3, high severity level
Emissions
• EN55011/22 level B conducted
EN55011/22 level B radiated (GCS180
level A)
Harmonic Currents
• EN61000-3-2, class A & C
Voltage Flicker
• EN61000-3-3
Radiated Immunity
• EN61000-4-3, level 3 Perf Criteria A
EFT/Burst
• EN61000-4-4, level 3 Perf Criteria A
Surge
• EN61000-4-5, installation class 3
Perf Criteria A
Conducted Immunity
• EN61000-4-6, level 3 Perf Criteria A
Dips & Interruptions
• EN55024 & EN60601-1-2 (see longform
datasheet for details)
Safety Approvals
• EN60601-1, ANSI/AAMI ES60601-1,
CSA22.2 No. 60601-1 per cUL, Including
Risk Management, EN60950, UL60950


Similar Part No. - GCS150

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
GCS150PS12 XPPOWER-GCS150PS12 Datasheet
2Mb / 14P
AC-DC Power Supplies 150/180/250/350 Watts
GCS150PS15 XPPOWER-GCS150PS15 Datasheet
2Mb / 14P
AC-DC Power Supplies 150/180/250/350 Watts
GCS150PS24 XPPOWER-GCS150PS24 Datasheet
2Mb / 14P
AC-DC Power Supplies 150/180/250/350 Watts
GCS150PS28 XPPOWER-GCS150PS28 Datasheet
2Mb / 14P
AC-DC Power Supplies 150/180/250/350 Watts
GCS150PS48 XPPOWER-GCS150PS48 Datasheet
2Mb / 14P
AC-DC Power Supplies 150/180/250/350 Watts
More results

Similar Description - GCS150

ManufacturerPart #DatasheetDescription
logo
Power-One
PMP13.48 POWER-ONE-PMP13.48 Datasheet
192Kb / 2P
convection-cooled rectifier
logo
XP Power Limited
ECP225 XPPOWER-ECP225 Datasheet
410Kb / 2P
150/225 W Convection/ Forcedcooled
VFT150PS05 XPPOWER-VFT150PS05 Datasheet
219Kb / 2P
100 W Convection Rating, 150 W Forcedcooled Rating
CCB250 XPPOWER-CCB250 Datasheet
2Mb / 12P
250 W Convection Cooled
CCM250 XPPOWER-CCM250 Datasheet
1Mb / 12P
250 W Convection Cooled
ECP150 XPPOWER-ECP150 Datasheet
1Mb / 9P
100W Convection Cooled Rating
logo
API Technologies Corp
1452 APITECH-1452 Datasheet
501Kb / 1P
Convection Cooled
logo
XP Power Limited
ECS100 XPPOWER-ECS100 Datasheet
1Mb / 10P
80/100 W Convection & Force-cooled Ratings
ECS130 XPPOWER-ECS130 Datasheet
1Mb / 9P
Convection & Forced Cooled Ratings
logo
Adlink Technology Inc.
HPERC-KBL-MH ADLINK-HPERC-KBL-MH Datasheet
548Kb / 3P
Rugged Convection Cooled System
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com